Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCW71 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # BCW71
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BCW71 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  BCW71 Datasheet HTML 1Page - KEC(Korea Electronics) BCW71 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2002. 6. 18
1/2
SEMICONDUCTOR
TECHNICAL DATA
BCV71/72, BCW71/72
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 2
LOW LEVEL AUDIO-AMPLIFIER AND SWITCHING.
FEATURES
Super Mini Packaged Transistor for Hybrid Circuits.
For Complementary with PNP Type BCW69/70/89.
MAXIMUM RATING (Ta=25℃)
DIM
MILLIMETERS
1. EMITTER
2. BASE
3. COLLECTOR
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.45+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
L
L
P
P
P
7
+_
MARK SPEC
Type Name
Marking
Lot No.
TYPE
MARK
BCW71
K 1
BCW72
K 2
BCV71
K 7
BCV72
K 8
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base
Voltage
BCW71/72
VCBO
50
V
BCV71/72
60
Collector-Emitter
Voltage
BCW71/72
VCEO
45
V
BCV71/72
60
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
100
mA
Emitter Current
IE
-100
mA
Collector Power Dissipation
PC
200
mW
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-65~150
℃


Similar Part No. - BCW71

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCW71 PHILIPS-BCW71 Datasheet
42Kb / 8P
NPN general purpose transistors
1999 Apr 19
logo
Samsung semiconductor
BCW71 SAMSUNG-BCW71 Datasheet
33Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BCW71 FAIRCHILD-BCW71 Datasheet
31Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR
logo
KEC(Korea Electronics)
BCW71 KEC-BCW71 Datasheet
154Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (LOW LEVEL AUDIO-AMPLIFIER AND SWITCHING)
logo
Diotec Semiconductor
BCW71 DIOTEC-BCW71 Datasheet
179Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BCW71

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com