Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCV71 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # BCV71
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BCV71 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  BCV71 Datasheet HTML 1Page - KEC(Korea Electronics) BCV71 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2002. 6. 18
2/2
BCV71/72, BCW71/72
Revision No : 2
ELECTRICAL CHARACTERISTICS (Ta=25℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector-Emitter
Breakdown Voltage
BCW71/72
V(BR)CEO
IC=2mA, IB=0
45
-
-
V
BCV71/72
60
-
-
Collector-Base
Breakdown Voltage
BCW71/72
V(BR)CBO
IC=10μA, IE=0
50
-
-
V
BCV71/72
60
-
-
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=10μA, IC=0
5.0
-
-
V
Collector Cut-off Current
ICBO
VCB=20V, IE=0
-
-
100
nA
Ta=100℃, VCB=20V, IE=0
-
-
10
μA
DC Current Gain
BCV71/BCW71
hFE
VCE=5V, IC=10μA
-
100
-
BCV72/BCW72
-
160
-
BCV71/BCW71
VCE=5V, IC=2mA
110
-
220
BCV72/BCW72
200
-
450
Base-Emitter Voltage
VBE(ON)
VCE=5V, IC=2mA
550
-
700
mV
Base-Emitter Saturation Voltage
VBE(sat)
IC=10mA, IB=0.5mA
-
750
-
mV
IC=50mA, IB=2.5mA
-
870
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=10mA, IB=0.5mA
-
-
250
mV
IC=50mA, IB=2.5mA
-
230
-
Transition Frequency
fT
IC=10mA, VCE=5V, f=100MHz
-
300
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
-
4.0
pF
Noise Figure
NF
IC=0.2mA, VCE=5V, Δf=200Hz
Rg=2kΩ, f=1kHz
-
-
10
dB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com