Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF421 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # BF421
Description  SILICON PNP TRIPLE DIFFUSED TYPE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BF421 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  BF421_02 Datasheet HTML 1Page - KEC(Korea Electronics) BF421_02 Datasheet HTML 2Page - KEC(Korea Electronics) BF421_02 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2002. 6. 25
2/3
BF421
Revision No : 3
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I - V
(LOW VOLTAGE REGION)
0
0
BASE-EMITTER VOLTAGE V
(V)
BE
BE
C
I - V
10
-3
-10
-1
-0.3
COLLECTOR CURRENT I
(mA)
C
h
- I
COLLECTOR CURRENT I
(mA)
C
V
- I
-4
-8
-12
-16
-20
-24
-28
-10
-20
-30
-40
-50
-60
COMMON
EMITTER
1.6 1.0 0.6
0.4
0.3
0.2
0.15
I =0.05mA
0
B
0.1
FE
C
-30
-100
5
30
50
100
300
500
C
COLLECTOR CURRENT I (mA)
C
FE
h
- I
-0.3
5
100
10
50
30
300
500
-1
-3
-10
-100
-30
COMMON EMITTER
Ta=25 C
V =-20V
-10
-5
CE
COMMON EMITTER
V =-10V
CE
Ta=100 C
Ta=25 C
Ta=-25 C
CE(sat)
C
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-10
-20
-30
-40
-50
COMMON EMITTER
V =10V
CE
3.0
Ta=25 C
-10
-0.3
-0.05
-0.1
-0.5
-0.3
-1
-5
-3
-1
-3
COMMON EMITTER
Ta=25 C
-30
-100
I /I =10
C B
5
2
C
COLLECTOR CURRENT I (mA)
-0.05
-0.3
-0.1
-0.5
-0.3
-1
-1
-3
-10
-100
-30
I /I =5
COMMON EMITTER
-5
-3
CE(sat)
V
- I C
C B
Ta=100
C
25
-25



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com