Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS20 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # BFS20
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BFS20 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  BFS20_99 Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1999. 11. 30
1/1
SEMICONDUCTOR
TECHNICAL DATA
BFS20/BF599
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 2
HIGH FREQUENCY APPLICATION.
VHF BAND AMPLIFIER APPLICATION.
MAXIMUM RATING (Ta=25
)
DIM
MILLIMETERS
1. EMITTER
2. BASE
3. COLLECTOR
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.45+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P7
+
_
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector-Base Breakdown Voltage
V(BR)CBO
IC=10 A, IE=0
40
-
-
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=2mA, IB=0
25
-
-
V
Emitter-Base
Breakdown Voltage
BFS20
V(BR)EBO
IE=10 A, IC=0
4
-
-
V
BF599
5
Collector Cut-off Current
BFS20
ICBO
VCB=20V, IE=0
-
-
100
nA
VCB=20V, IE=0, Ta=150
-
-
10
A
BF599
VCB=40V, IE=0
-
-
100
nA
DC Current Gain
hFE
VCE=10V, IC=7mA
40
-
-
-
Base-Emitter Voltage
BFS20
VBE(ON)
VCE=10V, IC=7mA
-
750
900
mV
BF599
-
750
-
Transition Frequency
BFS20
fT
VCE=10V, IC=7mA, f=100MHz
275
550
-
MHz
BF599
-
550
-
Collector Output Capacitance
Cob
VCB=10V, f=1MHz, IE=0
-
0.35
-
pF
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
BFS20
VEBO
4
V
BF599
5
Collector Current
IC
25
mA
Emitter Current
IE
-25
mA
Collector Power Dissipation
PC
200
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-65
150
TYPE
MARK
BFS20
G1
BF599
G2
MARK SPEC
Type Name
Marking
Lot No.
G1
Type Name
Lot No.
G2


Similar Part No. - BFS20_99

ManufacturerPart #DatasheetDescription
logo
SAMWHA ELECTRIC
BFS2070A0B SAMWHA-BFS2070A0B Datasheet
333Kb / 3P
BEAD Filter
BFS2070A0F SAMWHA-BFS2070A0F Datasheet
333Kb / 3P
BEAD Filter
BFS2070A0L SAMWHA-BFS2070A0L Datasheet
333Kb / 3P
BEAD Filter
BFS2070A0S SAMWHA-BFS2070A0S Datasheet
333Kb / 3P
BEAD Filter
BFS2070A2B SAMWHA-BFS2070A2B Datasheet
333Kb / 3P
BEAD Filter
More results

Similar Description - BFS20_99

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com