Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1B2CCI Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # F1B2CCI
Description  STACK SILICON DIFFUSED DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

F1B2CCI Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  F1B2CCI Datasheet HTML 1Page - KEC(Korea Electronics) F1B2CCI Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2007. 5. 21
2/2
F1B2CCI/CAI
Revision No : 1
CURRENT DERATING (CASE)
AVERAGE FORWARD CURRENT I
(A)
F(AV)
F(AV)
F(AV)
P
- I
REVERSE VOLTAGE V
(V)
R
I
- V
I
- V
F
FORWARD VOLTAGE V
(V)
FF
RR
0
0.05
0
0
0.04
0.6
0.1
1
10
100
NUMBER OF CYCLES (AT 60Hz)
SURCE FORWARD CURRENT
0
40
OUTPUT CURRENT I
(A)
O
0.8
1.0
1.2
1.4
1.6
0.5
1
3
5
10
20
0.3
T =150 C
j
T =25 C
j
12345
6
2
4
6
8
10
12
360
IF(AV)
square
Θ =60
square
Θ =120
square
Θ =150
square
Θ =180
A value of one Cell
2468
10
12
60
80
100
120
140
DC
(NON-REPETITIVE)
3
5
10
30
50
100
30
50
50
100
150
200
250
300
0.1
0.5
5
10
50
100
500
1
T =150 C
j
j
T =100 C
j
T =25 C
DC
Θ
square
Θ =60
square
Θ =120
square
Θ =150
square
Θ =180



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com