Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY29940AXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY29940AXC
Description  2.5 V or 3.3 V, 200-MHz, 1:18 Clock Distribution Buffer 200-MHz clock support
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29940AXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY29940AXC Datasheet HTML 2Page - Cypress Semiconductor CY29940AXC Datasheet HTML 3Page - Cypress Semiconductor CY29940AXC Datasheet HTML 4Page - Cypress Semiconductor CY29940AXC Datasheet HTML 5Page - Cypress Semiconductor CY29940AXC Datasheet HTML 6Page - Cypress Semiconductor CY29940AXC Datasheet HTML 7Page - Cypress Semiconductor CY29940AXC Datasheet HTML 8Page - Cypress Semiconductor CY29940AXC Datasheet HTML 9Page - Cypress Semiconductor CY29940AXC Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CY29940
Document #: 38-07283 Rev. *E
Page 9 of 10
Document History Page
Document Title: CY29940, 2.5 V or 3.3 V, 200-MHz, 1:18 Clock Distribution Buffer
Document Number: 38-07283
REV.
ECN NO.
Issue Date
Orig. of
Change
Description of Change
**
111094
02/01/02
BRK
New data sheet
*A
116776
08/15/02
HWT
Incorporate results of final characterization using corporate methods, added
output impedance on page 3 and added output duty cycle on page 4.
Add commercial temperature range in the ordering information on page 6.
*B
122875
12/21/02
RBI
Add power up requirements to maximum rating information
*C
448379
See ECN
RGL
Add typical value for output-to-output skew
Add Lead-free devices
*D
2899304
03/25/10
BASH/KVM Removed inactive parts from Ordering Information.
Updated package diagram.
*E
3254185
05/11/2011
CXQ
Added Ordering Code Definitions.
Added Acronyms and Units of Measure.
Updated in new template.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com