Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY29948AXC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY29948AXC
Description  2.5 V or 3.3 V, 200-MHz, 1:12 Clock Distribution Buffer LVCMOS-/LVTTL-compatible inputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29948AXC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY29948AXC Datasheet HTML 1Page - Cypress Semiconductor CY29948AXC Datasheet HTML 2Page - Cypress Semiconductor CY29948AXC Datasheet HTML 3Page - Cypress Semiconductor CY29948AXC Datasheet HTML 4Page - Cypress Semiconductor CY29948AXC Datasheet HTML 5Page - Cypress Semiconductor CY29948AXC Datasheet HTML 6Page - Cypress Semiconductor CY29948AXC Datasheet HTML 7Page - Cypress Semiconductor CY29948AXC Datasheet HTML 8Page - Cypress Semiconductor CY29948AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CY29948
Document Number: 38-07288 Rev. *E
Page 4 of 10
AC Parameters[6]
VDD = VDDC = 3.3 V ± 10% or 2.5 V ± 5%, over the specified operating range.
Parameter
Description
Conditions
Min
Typ
Max
Unit
Fmax
Input Frequency[7]
VDD = 3.3 V
–
–
200
MHz
VDD = 2.5 V
–
–
170
Tpd
PECL_CLK to Q Delay[7]
VDD = 3.3 V
4.0
–
8.0
ns
TCLK to Q Delay[7]
4.4
–
8.9
PECL_CLK to Q Delay[7]
VDD = 2.5 V
6.0
–
10.0
TCLK to Q Delay[7]
6.4
–
10.9
FoutDC
Output Duty Cycle[7, 8, 9]
Measured at VDD/2
45
–
55
%
tpZL, tpZH
Output Enable Time (all outputs)
2
–
10
ns
tpLZ, tpHZ
Output Disable Time (all outputs)
2
–
10
ns
Tskew
Output-to-Output Skew[7, 9]
–
150
250
ps
Tskew(pp)
Part-to-Part Skew[10]
PECL_CLK to Q
–
–
1.5
ns
TCLK to Q
–
–
2.0
Ts
Set-up Time[7, 11]
SYNC_OE to PECL_CLK
1.0
–
–
ns
SYNC_OE to TCLK
0.0
–
–
Th
Hold Time[7, 11]
PECL_CLK to SYNC_OE
0.0
–
–
ns
TCLK to SYNC_OE
1.0
–
–
Tr/Tf
Output Clocks Rise/Fall Time[9]
0.8 V to 2.0 V, VDD = 3.3 V
0.20
–
1.0
ns
0.6 V to 1.8 V, VDD = 2.5 V
0.20
–
1.3
Pulse
Generator
Z = 50 ohm
Zo = 50 ohm
VTT
Zo = 50 ohm
VTT
RT = 50 ohm
RT = 50 ohm
CY29948 DUT
Figure 2. LVCMOS_CLK CY29948 Test Reference for VCC = 3.3 V and VCC = 2.5 V
Notes
6. Parameters are guaranteed by design and characterization. Not 100% tested in production. All parameters specified with loaded outputs.
7. Outputs driving 50
 transmission lines.
8. 50% input duty cycle.
9. See Figure 2 and Figure 3 on page 5.
10. Part-to-Part skew at a given temperature and voltage.
11. Setup and hold times are relative to the falling edge of the input clock.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com