Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY29972AI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY29972AI
Description  3.3 V, 125-MHz Multi-Output Zero Delay Buffer Output frequency up to 125 MHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29972AI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY29972AI Datasheet HTML 1Page - Cypress Semiconductor CY29972AI Datasheet HTML 2Page - Cypress Semiconductor CY29972AI Datasheet HTML 3Page - Cypress Semiconductor CY29972AI Datasheet HTML 4Page - Cypress Semiconductor CY29972AI Datasheet HTML 5Page - Cypress Semiconductor CY29972AI Datasheet HTML 6Page - Cypress Semiconductor CY29972AI Datasheet HTML 7Page - Cypress Semiconductor CY29972AI Datasheet HTML 8Page - Cypress Semiconductor CY29972AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CY29972
Document #: 38-07290 Rev. *D
Page 4 of 13
5, 26, 27
FB_SEL(2:0)
–
I
PU
Feedback select inputs. These inputs select the divide ratio at
FB_OUT output. See Table 1 on page 1.
52
VCO_SEL
–
I
PU
VCO divider select input. When set LOW, the VCO output is divided
by 2. When set HIGH, the divider is bypassed. See Table 1 on page 1.
31
FB_IN
–
I
PU
Feedback clock input. Connect to FB_OUT for accessing the PLL.
6
PLL_EN
–
I
PU
PLL enable input. When asserted HIGH, PLL is enabled; when LOW,
PLL is bypassed.
7
REF_SEL
–
I
PU
Reference select input. When HIGH, the crystal oscillator is selected;
when LOW, TCLK (0,1) is the reference clock.
8
TCLK_SEL
–
I
PU
TCLK select input. When LOW, TCLK0 is selected and when HIGH
TCLK1 is selected.
2
MR#/OE
–
I
PU
Master reset/output enable input. When asserted LOW, resets all of
the internal flip-flops and also disables all of the outputs. When pulled
high, releases the internal flip-flops from reset and enables all of the
outputs.
14
INV_CLK
–
I
PU
Inverted clock input. When set HIGH, QC(2,3) outputs are inverted.
When set LOW, the inverter is bypassed.
3SCLK
–I
PU
Serial clock input. Clocks data at SDATA into the internal register.
4SDATA
–I
PU
Serial data input. Input data is clocked to the internal register to
enable/disable individual outputs. This provides flexibility in power
management.
17, 22, 28,
33,37, 45, 49
VDDC
–
–
–
3.3 V power supply for output clock buffers.
13
VDD
–
–
–
3.3 V power supply for PLL.
1, 15, 24, 30,
35, 39, 47, 51
VSS
–
–
–
Common ground.
Pin Description[2]
Pin
Name
PWR
I/O
Type
Description
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com