Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY29972AXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY29972AXI
Description  3.3 V, 125-MHz Multi-Output Zero Delay Buffer Output frequency up to 125 MHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29972AXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY29972AXI Datasheet HTML 5Page - Cypress Semiconductor CY29972AXI Datasheet HTML 6Page - Cypress Semiconductor CY29972AXI Datasheet HTML 7Page - Cypress Semiconductor CY29972AXI Datasheet HTML 8Page - Cypress Semiconductor CY29972AXI Datasheet HTML 9Page - Cypress Semiconductor CY29972AXI Datasheet HTML 10Page - Cypress Semiconductor CY29972AXI Datasheet HTML 11Page - Cypress Semiconductor CY29972AXI Datasheet HTML 12Page - Cypress Semiconductor CY29972AXI Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CY29972
Document #: 38-07290 Rev. *D
Page 9 of 13
Ordering Information
Part Number
Package Type
Production Flow
CY29972AI
52-pin TQFP
Industrial, –40 °C to +85 °C
CY29972AIT
52-pin TQFP - Tape and Reel
Industrial, –40 °C to +85 °C
Pb-free
CY29972AXI
52-pin TQFP
Industrial, –40 °C to +85 °C
CY29972AXIT
52-pin TQFP - Tape and Reel
Industrial, –40 °C to +85 °C
Ordering Code Definition
Company ID: CY = Cypress
Package Type
AX = 52-pin TQFP
Temperature Range: X = C or I
C = Commercial; I = Industrial
CY
Base Device Part Number
29972
AX
X
T
T = Tape and Reel
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com