Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KDV176U Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDV176U
Description  USQ PACKAGE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDV176U Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDV176U Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2008. 9. 8
1/1
SEMICONDUCTOR
MARKING SPECIFICATION
KDV176U
USQ PACKAGE
Revision No : 1
1. Marking method
Laser Marking
2. Marking
P1
2
1
3
Note) * Lot No. marking method
Character
arrangement
1 st Character
1
(A)
2
(B)
3
(C)
4
(D)
5
(E)
6
(F)
7
(G)
8
(H)
9
(I)
0
(J)
2nd Character
A
(1)
B
(2)
C
(3)
D
(4)
E
(5)
F
(6)
G
(7)
H
(8)
I
(9)
J
(0)
Year
Marking (Week)
Periode (Year)
Remark
1 st Year (2006)
01
02
…
51
52
2006-2010-2014...
Rotation for 4 years
2 nd Year (2007)
0A
0B
…
5A
5B
2007-2011-2015...
3 rd Year (2008)
J1
J2
…
E1
E2
2008-2012-2016...
4 th Year (2009)
JA
JB
…
EA
EB
2009-2013-2017...
No.
Item
Marking
Description
①
Device Mark
P1
KDV176U
hFE Grade
-
-
②
* Lot No.
01
2006. 1st Week
[0:1st Character, 1:2nd Character]
③
Dot
●
Pin 1 Index


Similar Part No. - KDV176U

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDV176U KEC-KDV176U_15 Datasheet
363Kb / 2P
SILICON EPITAXIAL PIN TYPE DIODE
More results

Similar Description - KDV176U

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
PSVFBGA AMKOR-PSVFBGA Datasheet
251Kb / 2P
Package on Package (PoP) Family
logo
Murata Manufacturing Co...
USQ30 MURATA-USQ30 Datasheet
408Kb / 15P
Single Output USQ 30A Models
logo
Zentrum Mikroelektronik...
MDS735 ZMD-MDS735 Datasheet
127Kb / 1P
Package PDIP28
MDS746 ZMD-MDS746 Datasheet
128Kb / 1P
Package PDIP32
logo
KEC(Korea Electronics)
KDR725U KEC-KDR725U Datasheet
22Kb / 1P
USQ PACKAGE
KDR735U KEC-KDR735U Datasheet
22Kb / 1P
USQ PACKAGE
KDS165U KEC-KDS165U Datasheet
351Kb / 1P
USQ PACKAGE
KDZ5.6DU KEC-KDZ5.6DU Datasheet
22Kb / 1P
USQ PACKAGE
KTK920BU KEC-KTK920BU Datasheet
22Kb / 1P
USQ PACKAGE
KTK920U KEC-KTK920U Datasheet
22Kb / 1P
USQ PACKAGE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com