Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZTX653DCSM Datasheet(PDF) 2 Page - Seme LAB

Part # ZTX653DCSM
Description  NPN DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

ZTX653DCSM Datasheet(HTML) 2 Page - Seme LAB

  ZTX653DCSM Datasheet HTML 1Page - Seme LAB ZTX653DCSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZTX653DCSM
Prelim. 1/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = 100µA
IC = 10mA
IE = 100µA
VCB = 100V
TC = 100°C
VEB = 4V
IC = 1A
IB = 100mA*
IC = 2A
IB = 200mA*
IC = 1A
IB = 100mA*
IC = 1A
VCE = 2V*
IC = 50mA
VCE = 2V*
IC = 500mA
VCE = 2V*
IC = 1A
VCE = 2V*
IC = 2A
VCE = 2V*
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise stated)
V(BR)CBO
Collector – Base Breakdown Voltage
V(BR)CEO
Collector – Emitter Breakdown Voltage
V(BR)EBO
Emitter – Base Breakdown Voltage
ICBO
Collector – Cut-off Current
IEBO
Emitter Cut-off Current
VCE(sat)
Collector – Emitter Saturation Voltage
VBE(sat)
Base – Emitter Saturation Voltage
VBE(on)
Base – Emitter Turn-On Voltage
HFE
DC Current Gain
120
100
5
0.1
10
0.1
0.13
0.3
0.23
0.5
0.9
1.25
0.8
1.0
70
200
100
200
300
55
110
25
55
V
V
V
µA
µA
V
V
V
—
fT
Transition Frequency
Cobo
Output Capacitance
Ton
Switching Times
Toff
Switching Times
IC = 100mA
VCE = 5V
f = 100MHz
VCB = 10V
f = 1.0MHz
IC = 500mA VCC = 10V
IB1=IB2=50mA
140
175
30
80
1200
MHz
pF
ns
DYNAMIC CHARACTERISTICS (T
A = 25°C unless otherwise stated)
* Pulse test tp = 300ms , δ ≤ 2%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com