Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8229HDZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD8229HDZ
Description  1nV/?숰z Low Noise 210째C Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8229HDZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8229HDZ Datasheet HTML 2Page - Analog Devices AD8229HDZ Datasheet HTML 3Page - Analog Devices AD8229HDZ Datasheet HTML 4Page - Analog Devices AD8229HDZ Datasheet HTML 5Page - Analog Devices AD8229HDZ Datasheet HTML 6Page - Analog Devices AD8229HDZ Datasheet HTML 7Page - Analog Devices AD8229HDZ Datasheet HTML 8Page - Analog Devices AD8229HDZ Datasheet HTML 9Page - Analog Devices AD8229HDZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8229
Rev. 0 | Page 6 of 24
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
±17 V
Output Short-Circuit Current Duration
Indefinite
Maximum Voltage at –IN, +IN1
±VS
Differential Input Voltage1
Gain ≤ 4
4 > Gain > 50
Gain ≥ 50
±VS
±50 V/Gain
±1 V
Maximum Voltage at REF
±VS
Storage Temperature Range
CERDIP
−65°C to +150°C
Specified Temperature Range
CERDIP
−40°C to +210°C
Maximum Junction Temperature
CERDIP
245°C
1
For voltages beyond these limits, use input protection resistors. See the
Applications section for more information.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for a device in free air.
Table 3.
Package
θJA
Unit
8-Lead, Size Brazed, CERDIP, 4-Layer JEDEC
Board
100
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com