Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1601 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS1601
Description  Digital PFC Controller for Electronic Ballasts
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1601 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS1601 Datasheet HTML 7Page - Cirrus Logic CS1601 Datasheet HTML 8Page - Cirrus Logic CS1601 Datasheet HTML 9Page - Cirrus Logic CS1601 Datasheet HTML 10Page - Cirrus Logic CS1601 Datasheet HTML 11Page - Cirrus Logic CS1601 Datasheet HTML 12Page - Cirrus Logic CS1601 Datasheet HTML 13Page - Cirrus Logic CS1601 Datasheet HTML 14Page - Cirrus Logic CS1601 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CS1601
DS931PP6
11
5.5 PFC Output Capacitor
The value of the PFC output capacitor should be chosen
based upon voltage ripple and hold-up requirements. To
ensure system stability with the digital controller, the
recommended value of the capacitor is within the range of
0.25
F/watt to 0.5F/watt with a Vlink voltage of 460V.
5.6 Output IFB Sense & Input IAC Sense
A current proportional to the PFC output voltage, Vlink, is
supplied to the IC on pin IFB and is used as a feedback control
signal. This current is compared against an internal fixed-
value reference current.
The ADC is used to measure the magnitude of the IIFB current
through resistor RIFB. The magnitude of the IIFB current is then
compared to an internal reference current of (Iref) 129A.
Figure 18. IFB Input Pin Model
Resistor RIFB sets the feedback current and is calculated as
follows:
By using digital loop compensation, the voltage feedback
signal does not require an external compensation network.
A current proportional to the AC input voltage is supplied to the
IC on pin IAC and is used by the PFC control algorithm.
Figure 19. IAC Input Pin Model
Resistor RIAC sets the IAC current and is derived as follows:
For optimal performance, resistors RIAC & RIFB should use 1%
tolerance or better resistors for best Vlink voltage accuracy.
5.7 Valley Switching
The zero-current detection (ZCD) pin is monitored for
demagnetization in the auxiliary winding of the boost inductor
(LB). The ZCD circuit is designed to detect the VAux
valley/zero crossings by sensing the voltage transformed onto
the auxiliary winding of LB.
Figure 20. ZCD Input Pin Model
The objective of zero-voltage switching is to initiate each
MOSFET switching cycle when its drain-source voltage is at
the lowest possible voltage potential, thus reducing switching
losses. CS1601 uses an auxiliary winding on the PFC boost
inductor to implement zero-voltage switching.
Figure 21. Zero-voltage Switch
During each switching cycle, when the boost diode current
reaches zero, the boost MOSFET drain-source voltage begins
oscillating at the resonant frequency of the boost inductor and
MOSFET parasitic output capacitance. The ZCD_below_zero
signal transitions from high to low just prior to a local minimum
of the MOSFET drain-source voltage oscillation. The zero-
crossing detect circuit ensures that a ZCD_below_zero pulse
will only be generated when the comparator output is
continuously high for a nominal time period (tZCB) of 200ns.
Therefore, any negative edges on the comparator's output
due to spurious glitches will not cause a pulse to be
generated.
Due to the CS1601's variable-frequency control, the MOSFET
switching cycle will not always be initiated at the first resonant
IFB
VD D
15 k
8
V link
CS1601
24k
ADC
R5
RIFB
IFB
R6
1
RIFB
Vlink VDD
–
Iref
-----------------------------
460V VDD
–
129mA
-------------------------------
==
[Eq.4]
R1
RIAC
IAC
IA C
VD D
15 k
8
V rect
CS1601
24 k
ADC
R2
3
RIAC
RIFB
=
[Eq.5]
R3
IAux
Vlink
ZCD
LB
R4
CS1601
ZCD_below_zero
D2
FE T Drain
N:1
+
VAux
-
Demag
Comparator
+
-
Vth(ZCD)
5
IZCD
Cp
ZCD
Zero Crossing
Detection
GD ‘ON’
ZCD_below _zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com