Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACZ09 Datasheet(PDF) 1 Page - CUI INC

Part # ACZ09
Description  MECHANICAL INCREMENTAL ENCODER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

ACZ09 Datasheet(HTML) 1 Page - CUI INC

  ACZ09 Datasheet HTML 1Page - CUI INC ACZ09 Datasheet HTML 2Page - CUI INC ACZ09 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date
page
02/2011
1 of 3
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.cui.com
SERIES:
DESCRIPTION: MECHANICAL INCREMENTAL ENCODER
ACZ09
ELECTRICAL SPECIFICATIONS
parameter
conditions/description
output waveform
square wave
output signals
A, B phase
current consumption
10 mA
output phase difference
T1, T2, T3, T4 ≥ 3.5 ms @ 60 rpm
supply voltage
5 V dc max.
output resolution
10, 15, 20 ppr
switch rating
12 V dc, 50 mA (ACZ09BRXE models only)
insulation resistance
100 MΩ, 300 V dc, 1 min.
withstand voltage
300 V ac, 1 minute; no arc, damage or dielectric breakdown
MECHANICAL SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
shaft load
axial
8
kgf
rotational torque
with detent click
without detent click
60
60
140
80
220
100
gf•cm
gf•cm
push switch operational force
(ACZ09BRXE models only)
300
1,500
gf•cm
push switch life
(ACZ09BRXE models only)
50,000
cycles
rotational life
30,000
cycles
ENVIRONMENTAL SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
operating temperature
-10
75
°C
storage temperature
-20
75
°C
humidity
0
95
% RH
vibration
0.75 mm max. travel for 2 hours
10
55
Hz
PART NUMBER KEY
ACZ09 X BR X E- XX XX X1- XXX
Version:
“blank” = switch
N = no switch
Resolution (ppr):
20C10P = 10 ppr, 20 detent
30C15P = 15 ppr, 30 detent
20C = 20 ppr, 20 detent
Bushing:
1 = M7 x 0.75 (H = 5)
2 = M7 x 0.75 (H = 7)
Shaft length:
10.5, 12, 15,
20, 25, 30
Shaft type:
KQ = knurled
F = D cut
S = round, slotted
PCB mount:
A = Horizontal
D = Vertical


Similar Part No. - ACZ09

ManufacturerPart #DatasheetDescription
logo
CUI INC
ACZ09 CUI-ACZ09 Datasheet
274Kb / 4P
MECHANICAL INCREMENTAL ENCODER
08/10/2021
logo
Same Sky Devices
ACZ09 SAMESKY-ACZ09 Datasheet
187Kb / 4P
MECHANICAL INCREMENTAL ENCODER
09/12/2024
logo
CUI INC
ACZ09BR1E-15FA1-20C CUI-ACZ09BR1E-15FA1-20C Datasheet
274Kb / 4P
MECHANICAL INCREMENTAL ENCODER
08/10/2021
ACZ09BR1E-15FA1-20C10P CUI-ACZ09BR1E-15FA1-20C10P Datasheet
274Kb / 4P
MECHANICAL INCREMENTAL ENCODER
08/10/2021
ACZ09BR1E-15FA1-30C15P CUI-ACZ09BR1E-15FA1-30C15P Datasheet
274Kb / 4P
MECHANICAL INCREMENTAL ENCODER
08/10/2021
More results

Similar Description - ACZ09

ManufacturerPart #DatasheetDescription
logo
CUI INC
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
logo
List of Unclassifed Man...
580A316IR-60 ETC2-580A316IR-60 Datasheet
155Kb / 4P
Incremental Encoder
logo
CUI INC
ACZ11 CUI-ACZ11 Datasheet
189Kb / 3P
mechanical incremental encoder
ACZ16 CUI-ACZ16_10 Datasheet
106Kb / 3P
mechanical incremental encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
logo
Wurth Elektronik GmbH &...
482009514001 WURTH-482009514001 Datasheet
613Kb / 8P
WS-ENTV Mechanical Incremental Encoder Switch
002.001
logo
CUI INC
ACZ16 CUI-ACZ16_V01 Datasheet
428Kb / 4P
MECHANICAL INCREMENTAL ENCODER
07/14/2020
ACZ11 CUI-ACZ11_V01 Datasheet
357Kb / 4P
MECHANICAL INCREMENTAL ENCODER
06/15/2020
ACZ09 CUI-ACZ09_V01 Datasheet
274Kb / 4P
MECHANICAL INCREMENTAL ENCODER
08/10/2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com