Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F-LAN Datasheet(PDF) 1 Page - THOR communications

Part # F-LAN
Description  Typical F-1V2A Application
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

F-LAN Datasheet(HTML) 1 Page - THOR communications

  F-LAN Datasheet HTML 1Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data Sheet: F-LAN
Data Sheet:
F-LAN
We offer both off the shelf and custom
solutions for video transmission over
fiber. Our fiber optics video converters
are ideal for multiplexing up to 32
composite video channels and 64 audio
channels over fiber. We also offer bi-directional transport of signals in both directions over a single
fiber. The F-1V2A is a video multiplexer and video to fiber system that carries one channel of
composite video and 2 channels of audio over a single fiber. The video and audio signals are
transported by 10 bit digital transmission techniques which eliminates signal degradation. Our units
work with standard singlemode or multimode optical fiber with fiber optic transmission distances of up
to 120 km when used with singlemode fiber.
Typical F-1V2A Application
Technical Specifications
Standards:
NTSC, PAL, SECAM
Channels:
1 Baseband Video & 2 Audio
Video Bandwidth
10Hz – 6.5MHz
SNR/dP/dG
67 dB < 1 deg / < 0.5%
Video Input
1 Vp-p 75 ohm
Audio
Terminal Block, 600 ohm
Optical Wavelength
1310nm – 40 Km
1550nm – 80 Km
Tx Output Power
-5 dBm
Rx Sensitivity
-30 dBm
Saturation
No
Operating Temp:
0 – 50 (°C)
Storage Temp:
-20 – 70 (°C)
Operating Humidity:
0 – 90 (%)
Storage Humidity:
0 – 90 (%)
Power Requirements:
110/240V Auto Sense
Dimensions:
480mmX225mmX44mm
www.thorfiber.com
Video/Audio In
Video/Audio Out


Similar Part No. - F-LAN

ManufacturerPart #DatasheetDescription
logo
THOR communications
F-LAN THOR-F-LAN Datasheet
126Kb / 1P
Typical F-LAN Application
More results

Similar Description - F-LAN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK1517 KODENSHI-KK1517 Datasheet
97Kb / 2P
TYPICAL APPLICATION CIRCUIT
logo
THOR communications
F-EDFA THOR-F-EDFA Datasheet
106Kb / 1P
Typical F-EDFA Application
F-HD-SDI THOR-F-HD-SDI Datasheet
92Kb / 1P
Typical F-HD-SDI Application
F-KUBAND-TX THOR-F-KUBAND-TX Datasheet
90Kb / 1P
Typical L-BAND-Rx/Tx Application
F-LAN THOR-F-LAN Datasheet
126Kb / 1P
Typical F-LAN Application
F-LBAND-TX THOR-F-LBAND-TX Datasheet
88Kb / 1P
Typical L-BAND-Rx/Tx Application
H-HDMI-IP THOR-H-HDMI-IP Datasheet
95Kb / 1P
Typical H-HDMI-IP Application
SDI-TX THOR-SDI-TX Datasheet
114Kb / 1P
Typical L-xASI/SDI-Rx/Tx Application
logo
rfsolutions.ltd
H2PROT RFSOLUTIONS-H2PROT Datasheet
168Kb / 9P
Typical application configuration for Micro RWD module
logo
Altech corporation
2DU1 ALTECH-2DU1 Datasheet
1Mb / 19P
Typical UL508 Application
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com