Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F-LAN Datasheet(PDF) 1 Page - THOR communications

Part # F-LAN
Description  Typical F-LAN Application
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

F-LAN Datasheet(HTML) 1 Page - THOR communications

  F-LAN Datasheet HTML 1Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data Sheet: F-LAN
Data Sheet:
F-LAN
The F-1G is used for transporting a
Gigabit Ethernet port over a fiber from
one location to another. The units work
in pairs with a transceiver on each end of
the fiber link. Any network cable connected to the RJ-45 port on one unit is transported to the
corresponding RJ-45 port on the second unit. Our units work transparently, meaning they are non-IP
addressable and any network traffic traveling through the fiber link remains unmodified. Any two
devices that are connected over the fiber link appear to be directly connected by a standard network
cable. This is useful for connecting switches or other network devices in different buildings or for
extending an IP network to a far away location. We also offer custom equipment to incorporate more
signals onto a single fiber. In addition to Ethernet you can also carry video and audio channels,
telephone lines, E1 or T1 links, or even satellite signals all over a single fiber. Our units have a
maximum transmission distance of 120 km when used with singlemode fiber. We feature easy to read
diagnostic LED's for continuous monitoring of link status and network speed. Contact a sales
representative for more information.
Typical F-LAN Application
Technical Specifications
Standards:
IEEE 802.3z 1000BASE-FX
IEEE 802.3ab 1000BASE-T
Connection Ports:
Fiber Ports SC/PC or SC/APC
Registration:
FCC Part 15
Class A, CE, UL, CUL, TUL
LED Indicators:
GigE, Power, Link
Operating Temp:
0 – 50 (°C)
Storage Temp:
-20 – 70 (°C)
Operating Humidity:
0 – 90 (%)
Storage Humidity:
0 – 90 (%)
Power Requirements:
110/240V Auto Sense
Dimensions:
480mmX225mmX44mm
www.thorfiber.com


Similar Part No. - F-LAN

ManufacturerPart #DatasheetDescription
logo
THOR communications
F-LAN THOR-F-LAN Datasheet
104Kb / 1P
Typical F-1V2A Application
More results

Similar Description - F-LAN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK1517 KODENSHI-KK1517 Datasheet
97Kb / 2P
TYPICAL APPLICATION CIRCUIT
logo
THOR communications
F-1V2A THOR-F-1V2A Datasheet
104Kb / 1P
Typical F-1V2A Application
F-EDFA THOR-F-EDFA Datasheet
106Kb / 1P
Typical F-EDFA Application
F-HD-SDI THOR-F-HD-SDI Datasheet
92Kb / 1P
Typical F-HD-SDI Application
F-KUBAND-TX THOR-F-KUBAND-TX Datasheet
90Kb / 1P
Typical L-BAND-Rx/Tx Application
F-LBAND-TX THOR-F-LBAND-TX Datasheet
88Kb / 1P
Typical L-BAND-Rx/Tx Application
H-HDMI-IP THOR-H-HDMI-IP Datasheet
95Kb / 1P
Typical H-HDMI-IP Application
logo
rfsolutions.ltd
H2PROT RFSOLUTIONS-H2PROT Datasheet
168Kb / 9P
Typical application configuration for Micro RWD module
logo
Altech corporation
2DU1 ALTECH-2DU1 Datasheet
1Mb / 19P
Typical UL508 Application
logo
WALSIN TECHNOLOGY CORPO...
RFBLN1005040K5T WALSIN-RFBLN1005040K5T Datasheet
586Kb / 7P
5GHz W-LAN RF Application
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com