Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L-BAND-RX Datasheet(PDF) 1 Page - THOR communications

Part # L-BAND-RX
Description  Typical L-BAND-Rx/Tx Application
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

L-BAND-RX Datasheet(HTML) 1 Page - THOR communications

  L-BAND-RX Datasheet HTML 1Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data Sheet: F-KuBAND-Tx/Rx
Data Sheet:
F-KuBAND-Tx/Rx
The F-KUBAND series wide band laser
transceivers are designed for enabling a
high linearity optical link for RF over fiber in
the K-BAND up to 20 GHz. The unit can
also be used as a repeater for extending the transmission distance of a 30 Gb/s link. The F-KUBAND
incorporates a broadband optical transmitter and linear receiver into a compact rack mounted unit.
The F-KUBAND can be used for carrying almost any type of RF modulated signals such as RF over
Fiber (RFoG), satellite/IF link, WiMax optical link, microwave over fiber, and mobile signals in fiber.
The unit uses a lithium-niobate external modulator to convert input microwave/RF signals to optical
waveforms from a frequency range of 100 kHz up to 20 GHz. The unit functions as a transperent link,
transporting all satellite modulation formats over a single fiber. The F-KUBAND maintains excellent
gain flatness over a wide frequency range due to a very narrow line width DFB laser. Transmission
distances of up to 75 miles are possible using singlemode optical fiber. The F-KUBAND link is a cost
effective and high performance solution for KU-Band Satellite links.
Typical L-BAND-Rx/Tx Application
Technical Specifications
Optical Wavelength
1310 – 1550 nm FP/DFB
Optical Output Power
6.0 dbm
Optical Budget loss
24 – 32 dB
Optical Return Loss
40 dB
RF Frequency Range
100 kHz – 20.0 GHz
RF Input Level
12 dBm Max
RF Gain
10 – 25 dB
RF Gain Flatness
4.0 +/- 2.0
Input Impedance
50 Ohm
RF Return Loss
10 dB
<10 GHz
8 dB
13~15 GHz
6 dB
18~20 GHz
RF Noise
15 dB Max
VSWR Input / Output
2.0 : 1
CNR
40 dB
IMD
40 dB
Communications Interface
RS232
SNMP Interface
RJ45
Power Consumption
8 W
Power Supply
12V DC
RF Connector
SMA Female
Optical Connector
FC/APC or by request
Dimensions (H x W x D)
19in x 11.0in x 1.75in
Weight
0.75 Kg
Operating Temp. ( )
-10 to +65 ( )
Storage Temp. ( )
-40 to +85 ( )
Relative Humidity (%)
0 to 95 %
LNA
F-KuBAND-Tx
F-KuBAND-Rx
RF Output
100kHz -
20GHz


Similar Part No. - L-BAND-RX

ManufacturerPart #DatasheetDescription
logo
THOR communications
L-BAND-RX THOR-L-BAND-RX Datasheet
88Kb / 1P
Typical L-BAND-Rx/Tx Application
More results

Similar Description - L-BAND-RX

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXM3000GA SONY-CXM3000GA Datasheet
19Kb / 1P
Dual/Triple Band Rx/Tx, Transceiver Module
logo
Radiometrix Ltd
NTX2 RADIOMETRIX-NTX2 Datasheet
259Kb / 11P
UHF Narrow Band FM TX & RX
logo
THOR communications
F-LBAND-TX THOR-F-LBAND-TX Datasheet
88Kb / 1P
Typical L-BAND-Rx/Tx Application
F-XASI THOR-F-XASI Datasheet
114Kb / 1P
Typical L-xASI/SDI-Rx/Tx Application
SDI-TX THOR-SDI-TX Datasheet
114Kb / 1P
Typical L-xASI/SDI-Rx/Tx Application
logo
Radiometrix Ltd
NRX0 RADIOMETRIX-NRX0 Datasheet
405Kb / 8P
27MHz HF Narrow Band FM TX & RX
NTX0 RADIOMETRIX-NTX0 Datasheet
405Kb / 8P
27MHz HF Narrow Band FM TX & RX
NTX2 RADIOMETRIX-NTX2_14 Datasheet
434Kb / 1P
UHF Narrow Band FM TX & RX
logo
Qorvo, Inc
TQQ0041T QORVO-TQQ0041T Datasheet
701Kb / 8P
Band 41 Tx/Rx Filter
QPQ1290 QORVO-QPQ1290 Datasheet
581Kb / 8P
Band 41 Tx / Rx Filter
March 5, 2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com