Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F-XASI Datasheet(PDF) 1 Page - THOR communications

Part # F-XASI
Description  Typical L-xASI/SDI-Rx/Tx Application
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

F-XASI Datasheet(HTML) 1 Page - THOR communications

  F-XASI Datasheet HTML 1Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data Sheet: F-xASI/SDI-Tx/Rx
Data Sheet:
F-xASI/SDI-Tx/Rx
The F-xASI/SDI is a copper to fiber
media adapter for either DVB-ASI or
SD-SDI signals. The unit has up to
eight channels that work independently
of each other. Each channel can carry
either a DVB-ASI signal or an SD-SDI signal. Up to eight channels are then multiplexed onto a single
fiber for transport. Our units employ CWDM technology for optical multiplexing. Based on users needs
a variety of wavelenghts can be used for the transmitter optics. All transmittion signals are multiplexed
onto a single fiber for transport. The signals are then separated at the receiver. The F-xASI/SDI
provides up to 8 independent DVB-ASI/SDI pipes. There are BNC connectors for the copper inputs
and outputs. The optical connections can be configured for SC, SC(APC), ST, or FC connectors. The
F-xASI/SDI features easy to read diagnostic LED's for system and link status.
Typical L-xASI/SDI-Rx/Tx Application
Technical Specifications
Applications:
SMPTE 259M, SDI or D1
SMPTE 31 OM, MPEG2
SMPTE 305 540 Mbps
HDTV
Video On Demand TS
MPEG Encoder
DVB-ASI
ASI 0.5Mbps – 622Mbps
Optical Wavelength
1310 – 1550 nm FP/DFB
Optical Output Power
6.0 dbm
Optical Budget loss
24 – 32 dB
Optical Return Loss
40 dB
Power Consumption
8 W
Power Connection
110-240 V Auto Sense
Optical Connector
SC/APC or by request
Copper Connections
BNC, 75 ohm
Dimensions (H x W x D)
19in x 11.0in x 1.75in
480mmX225mmX44mm
Weight
0.75 Kg
Operating Temp. ( )
0 to +50 ( )
Storage Temp. ( )
-20 to +70 ( )
Operating Humidity (%)
0 to 90 %
Storage Humidity (%)
0 to 90 %
Regulatory Compliance
FCC Part 15 Class A
CE, UL, CUL, TUV
www.thorfiber.com
ASI or SDI Out
ASI or SDI In


Similar Part No. - F-XASI

ManufacturerPart #DatasheetDescription
logo
THOR communications
F-XASI THOR-F-XASI Datasheet
114Kb / 1P
Typical L-xASI/SDI-Rx/Tx Application
More results

Similar Description - F-XASI

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2760B TEMIC-U2760B Datasheet
181Kb / 14P
CT2-RX/TX IC
logo
KODENSHI_AUK CORP.
KK1517 KODENSHI-KK1517 Datasheet
97Kb / 2P
TYPICAL APPLICATION CIRCUIT
logo
THOR communications
F-1V2A THOR-F-1V2A Datasheet
104Kb / 1P
Typical F-1V2A Application
F-EDFA THOR-F-EDFA Datasheet
106Kb / 1P
Typical F-EDFA Application
F-HD-SDI THOR-F-HD-SDI Datasheet
92Kb / 1P
Typical F-HD-SDI Application
F-KUBAND-TX THOR-F-KUBAND-TX Datasheet
90Kb / 1P
Typical L-BAND-Rx/Tx Application
F-LAN THOR-F-LAN Datasheet
126Kb / 1P
Typical F-LAN Application
F-LBAND-TX THOR-F-LBAND-TX Datasheet
88Kb / 1P
Typical L-BAND-Rx/Tx Application
SDI-TX THOR-SDI-TX Datasheet
114Kb / 1P
Typical L-xASI/SDI-Rx/Tx Application
logo
Altech corporation
2DU1 ALTECH-2DU1 Datasheet
1Mb / 19P
Typical UL508 Application
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com