Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF57 Datasheet(PDF) 3 Page - Hirose Electric

Part # DF57
Description  Substrate Twin (Pair) Cable Swing-Lock Connector for Low-Profile Power Source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF57 Datasheet(HTML) 3 Page - Hirose Electric

  DF57 Datasheet HTML 1Page - Hirose Electric DF57 Datasheet HTML 2Page - Hirose Electric DF57 Datasheet HTML 3Page - Hirose Electric DF57 Datasheet HTML 4Page - Hirose Electric DF57 Datasheet HTML 5Page - Hirose Electric DF57 Datasheet HTML 6Page - Hirose Electric DF57 Datasheet HTML 7Page - Hirose Electric DF57 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
DF57 Series●Substrate Twin (Pair) Cable Swing-Lock Connector for Low-Profile Power Source
■
Ordering information
●
Header
DF 57 − * P − 1.2 V
❶
❷
❸
❹
❺
❻
●
Crimp socket
DF 57 − * S − 1.2 C
❶
❷
❸
❹
❺
❻
●
Contacts
DF 57 − 2830 SCF
❶
❷
❺ Contact pitch:1.2mm
❻ Termination section
V:Straight SMT
❶ Series name : DF
❷ Series No. : 57
❸ Number of contacts:2, 3, 4, 5, 6
❹ Connector type P:Plug
❺ Contact pitch:1.2mm
❻ Termination section
C:Crimp
❶ Series name : DF
❷ Series No. : 57
❸ Number of contacts:2, 3, 4, 5, 6
❹ Connector type S: Crimp socket
❷ Packaging
SCF: Female crimp contact / reel
❶ Applicable conductor
2830: AWG# 28 to AWG# 30
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com