Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24F04KA200 Datasheet(PDF) 22 Page - Microchip Technology

Part # PIC24F04KA200
Description  Flash Programming Specifications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA200 Datasheet(HTML) 22 Page - Microchip Technology

Back Button PIC24F04KA200 Datasheet HTML 18Page - Microchip Technology PIC24F04KA200 Datasheet HTML 19Page - Microchip Technology PIC24F04KA200 Datasheet HTML 20Page - Microchip Technology PIC24F04KA200 Datasheet HTML 21Page - Microchip Technology PIC24F04KA200 Datasheet HTML 22Page - Microchip Technology PIC24F04KA200 Datasheet HTML 23Page - Microchip Technology PIC24F04KA200 Datasheet HTML 24Page - Microchip Technology PIC24F04KA200 Datasheet HTML 25Page - Microchip Technology PIC24F04KA200 Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
PIC24FXXKA2XX
DS39991A-page 22
 2010 Microchip Technology Inc.
5.0
AC/DC CHARACTERISTICS AND TIMING REQUIREMENTS
TABLE 5-1:
STANDARD OPERATING CONDITIONS
Standard Operating Conditions
Operating Temperature: 0
C to +70C and programming: +25C is recommended.
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
D111
VDD
Supply Voltage During Programming
VDDCORE
3.60
V
Normal programming
D112
IPP
Programming Current on MCLR
—50
A—
D113
IDDP
Supply Current During Programming
—
2
mA
—
D031
VIL
Input Low Voltage
VSS
0.2 VDD
V—
D041
VIH
Input High Voltage
0.8 VDD
VDD
V—
D042
VIHH
Programing Voltage on VPP
VDD +1.5
9
V
—
D080
VOL
Output Low Voltage
—
0.4
V
IOL = 8.5 mA @ 3.6V
D090
VOH
Output High Voltage
1.4
—
V
IOH = -3.0 mA @ 3.6V
D012
CIO
Capacitive Loading on I/O Pin (PGDx)
—
50
pF
To meet AC specifications
P1
TPGC
Serial Clock (PGCx) Period
125
—
ns
—
P1A
TPGCL
Serial Clock (PGCx) Low Time
50
—
ns
—
P1B
TPGCH
Serial Clock (PGCx) High Time
50
—
ns
—
P2
TSET1
Input Data Setup Time to Serial Clock
15
—
ns
—
P3
THLD1
Input Data Hold Time from PGCx

15
—
ns
—
P4
TDLY1
Delay Between 4-Bit Command and
Command Operand
40
—
ns
—
P4A
TDLY1A
Delay Between 4-Bit Command Operand
and the Next 4-Bit Command
40
—
ns
—
P5
TDLY2
Delay Between Last PGCx
 of Command
Byte and First PGCx
 of Read of Data
Word
20
—
ns
—
P6
TSET2VDD
Setup Time to MCLR 
100
—
ns
—
P7
THLD2
Input Data Hold Time from MCLR
 VPP
(from VIHH to VIH)
25
—
ms
—
P10
TDLY6
PGCx Low Time After Programming
400
—
ns
—
P11
TDLY7
Chip Erase Time
5
—
ms
—
P12
TDLY10
Page (4 rows) Erase Time
5
—
ms
—
P13
TDLY9
Row Programming Time
2
—
ms
—
P14
TR
MCLR Rise Time to Enter ICSP™ mode
—
1.0
s—
P15
TVALID
Data Out Valid from PGCx
10
—
ns
—
P16
TDLY10
Delay Between Last PGCx
 and MCLR 
0—
s
—
P17
THLD3MCLR
to VDD
—100
ns
—
P18
TKEY1
Delay Between First MCLR
and First
PGCx
for Key Sequence on PGDx
1—
ms
—
P19
TKEY2
Delay Between Last PGCx
for Key
Sequence on PGDx and Second MCLR

1—
ms
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com