Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24F04KA201 Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC24F04KA201
Description  Silicon Errata and Data Sheet Clarification
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201 Datasheet(HTML) 4 Page - Microchip Technology

  PIC24F04KA201 Datasheet HTML 1Page - Microchip Technology PIC24F04KA201 Datasheet HTML 2Page - Microchip Technology PIC24F04KA201 Datasheet HTML 3Page - Microchip Technology PIC24F04KA201 Datasheet HTML 4Page - Microchip Technology PIC24F04KA201 Datasheet HTML 5Page - Microchip Technology PIC24F04KA201 Datasheet HTML 6Page - Microchip Technology PIC24F04KA201 Datasheet HTML 7Page - Microchip Technology PIC24F04KA201 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PIC24F04KA201 FAMILY
DS80474B-page 4
 2011 Microchip Technology Inc.
4.
Module: SPI (Enhanced Buffer Mode)
In Enhanced Buffer mode (SPI1CON2<0> = 1),
polling the SPI Transmit Buffer Full bit, SPITBF
(SPI1STAT<1>), may produce erroneous results.
This occurs only under two circumstances:
•
In Master mode, when the SPI divide clock
is 4 or greater.
•
In Slave mode, when the SPI sample clock
is slower than 1/4 of the CPU instruction
time (TCY).
For Master mode, this includes all combinations
of the primary prescale bits (SPI11CON1<1:0>)
and secondary prescale bits (SPI1CON1<4:2>)
that, when combined, create an SPI sample
clock divisor with a value of four or greater.
Work around
Instead of polling the SPITBF bit to test for an
empty buffer (SPI1STAT<1> = 0), implement a
SPI receive interrupt handler in software and
add to the SPI transmit buffer in this routine.
Alternatively, poll the SPI Receive Full bit,
SPIRBF (SPI1STAT<0>), or the Shift Register
Empty bit, SRMPT (SPI1STAT<7>), to determine
when to service the SPI transmit and transmit
buffers.
Affected Silicon Revisions
5.
Module: Core (Low-Power BOR)
When
the
low-power
BOR
is
enabled
(FPOR<6:5> = 00), Brown-out Reset events
may result in a device Reset in which both the
BOR and POR bits are set.
This differs from the expected behavior of simply
re-arming the POR circuit to ensure that a
Power-on Reset occurs when VDD drops below
the POR threshold.
Work around
None.
Affected Silicon Revisions
6.
Module: Comparator (I/O Pins)
Certain I/O pins may not function correctly as
digital inputs or outputs after specific comparator
outputs have been enabled with the COE bit
(CMxCON<14> = 1). These are:
•
RB14 (with Comparator 1)
•
RA6 (with Comparator 2)
This condition may continue, even after the com-
parator in question has been disabled using the
corresponding CON bit (CMxCON<15> = 0).
Work around
In addition to clearing the CON bit, also clear the
COE bit.
Affected Silicon Revisions
7.
Module: Comparator
When a comparator is programmed to trig-
ger
on
certain
edge-detect
events
(CMxCON<7:6> = 10 or 01), setting the CPOL bit
(CMxCON<13> = 1) may cause the comparator to
flag the opposite edge-detect event (e.g., a
high-to-low edge instead of the programmed
low-to-high).
Work around
Leave CPOL = 0. In addition, use the opposite
setting of CMxCON<7:6> to achieve the correct
response (e.g., use ‘10’ for ‘01’).
Affected Silicon Revisions
A1
X
A1
X
A1
X
A1
X



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com