Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMI16N60E Datasheet(PDF) 2 Page - Actel Corporation

Part # FMI16N60E
Description  N-CHANNEL SILICON POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

FMI16N60E Datasheet(HTML) 2 Page - Actel Corporation

  FMI16N60E Datasheet HTML 1Page - Actel Corporation FMI16N60E Datasheet HTML 2Page - Actel Corporation FMI16N60E Datasheet HTML 3Page - Actel Corporation FMI16N60E Datasheet HTML 4Page - Actel Corporation FMI16N60E Datasheet HTML 5Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
FMI16N60E
2
FUJI POWER MOSFET
C
0
4
8
12
16
20
24
0
10
20
30
40
VDS [V]
Typical Output Characteristics
ID=f(VDS):80 s pulse test,Tch=25 C
2
3
4
5
6
7
0.1
1
10
100
VGS[V]
Typical Transfer Characteristic
ID=f(VGS):80 µs pulse test,VDS=25V,Tch=25°C
0.1
1
10
100
0.1
1
10
100
ID [A]
Typical Transconductance
gfs=f(ID):80 µs pulse test,VDS=25V,Tch=25°C
0
5
10
15
20
25
30
0.3
0.4
0.5
0.6
0.7
0.8
ID [A]
Typical Drain-Source on-state Resistance
RDS(on)=f(ID):80 µs pulse test,Tch=25°
10V
5.5V
6V
5V
VGS=4.5V
10-1
100
101
102
103
10
-2
10
-1
10
0
101
102
t
PD
Power loss waveform :
Square waveform
t
PD
PD
Power loss waveform :
Square waveform
VDS [V]
Safe Operating Area
ID=f(VDS):Duty=0(Single pulse),Tc=25°C
t=
1 s
10 s
1ms
100 s
D.C.
0
25
50
75
100
125
150
0
100
200
300
400
Allowable Power Dissipation
PD=f(Tc)
Tc [°C]
µ
°
µ
µ
µ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com