Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1804 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1804
Description  Nonvolatile Trimmer Potentiometer Operates from 3V or 5V Supplies
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1804 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1804_11 Datasheet HTML 1Page - Maxim Integrated Products DS1804_11 Datasheet HTML 2Page - Maxim Integrated Products DS1804_11 Datasheet HTML 3Page - Maxim Integrated Products DS1804_11 Datasheet HTML 4Page - Maxim Integrated Products DS1804_11 Datasheet HTML 5Page - Maxim Integrated Products DS1804_11 Datasheet HTML 6Page - Maxim Integrated Products DS1804_11 Datasheet HTML 7Page - Maxim Integrated Products DS1804_11 Datasheet HTML 8Page - Maxim Integrated Products DS1804_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DS1804
2 of 10
OPERATION
The DS1804 is a single nonvolatile potentiometer. The device has a total of 100 tap-points including the
L- and H- terminals. A total of 99 resistive segments exist between the L- and H- terminals. These tap-
points are accessible to the W-terminal, whose position is controlled via a three-terminal control port. A
block diagram of the DS1804 is shown in Figure 1.
The three-terminal port of the DS1804 provides an increment/decrement interface which is activated via a
chip-select input. This interface consists of the input signals CS , INC , and U/ D . These input signals
control a 7-bit up/down counter. The output of the 7-bit up/down counter controls a 1 of 100 decoder to
select wiper position. Additionally, this interface provides for a wiper storage operation using the CS and
INC
input control pins. The timing diagram for the three-terminal interface control is shown in Figure 2.
PIN DESCRIPTIONS
VCC - Power Supply. The DS1804 will support supply voltages ranging from +2.7V to +5.5V.
GND - Ground.
H - High-Terminal Potentiometer. This is the high terminal of the potentiometer. It is not required that
this terminal be connected to a potential greater than the L-terminal. Voltage applied to the H-terminal
cannot exceed the power-supply voltage, VCC, or go below ground.
L - Low-Terminal Potentiometer. This is the low terminal of the potentiometer. It is not required that this
terminal be connected to a potential less than the H-terminal. Voltage applied to the L-terminal cannot
exceed the power-supply voltage, VCC, or go below ground.
W - Wiper of the Potentiometer. This pin is the wiper of the potentiometer. Its position on the resistor
array is controlled by the three-terminal control port. Voltage applied to the wiper cannot exceed the
power-supply voltage, VCC, or go below ground.
CS
- Chip Select. The CS input is used to activate the control port of the DS1804. This input is active
low. When in a high-state, activity on the INC and U/ D port pins will not affect or change wiper
position.
INC
- Wiper Movement Control. This input provides for wiper position changes when the CS pin is low.
Wiper position changes of the W-terminal will occur one position per high-to-low transition of this input
signal. Position changes will not occur if the CS pin is in a high state.
U/ D - Up/Down Control. This input sets the direction of wiper movement. When in a high state and CS
is low, any high-to-low transition on INC will cause a one position movement of the wiper towards the
H-terminal. When in a low state and CS is low, any high-to-low transitions on INC will cause the
position of the wiper to move towards the L-terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com