Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4050 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # LM4050
Description  50ppmC Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM4050 Datasheet(HTML) 2 Page - Maxim Integrated Products

  LM4050_11 Datasheet HTML 1Page - Maxim Integrated Products LM4050_11 Datasheet HTML 2Page - Maxim Integrated Products LM4050_11 Datasheet HTML 3Page - Maxim Integrated Products LM4050_11 Datasheet HTML 4Page - Maxim Integrated Products LM4050_11 Datasheet HTML 5Page - Maxim Integrated Products LM4050_11 Datasheet HTML 6Page - Maxim Integrated Products LM4050_11 Datasheet HTML 7Page - Maxim Integrated Products LM4050_11 Datasheet HTML 8Page - Maxim Integrated Products LM4050_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
50ppm/°C Precision Micropower Shunt Voltage
References with Multiple Reverse Breakdown Voltages
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—1.225V
(IR = 100µA, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Reverse Current (cathode to anode) ..................................20mA
Forward Current (anode to cathode) ..................................10mA
Continuous Power Dissipation (TA = +70°C)
3-Pin SC70 (derate 2.17mW/°C above +70°C) ............174mW
3-Pin SOT23 (derate 4.01mW/°C above +70°C)..........320mW
Operating Temperature Range
LM4050/LM4051_E_ _ _ ................................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s)..................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LM4051A (0.1%)
1.2238
1.2250
1.2262
LM4051B (0.2%)
1.2226
1.2250
1.2275
Reverse Breakdown Voltage
VR
TA = +25
°C
LM4051C (0.5%)
1.2189
1.2250
1.2311
V
LM4051A
±1.2
±7
LM4051B
±2.4
±9
Reverse Breakdown Voltage
Tolerance (Note 2)
VRTOL
LM4051C
±6.0
±12
mV
Minimum Operating Current
IRMIN
45
60
µA
IR = 10mA
±20
IR = 1mA
±15
±50
Average Reverse Voltage
Temperature Coefficient
(Notes 2, 3)
∆VR/∆T
IR = 100µA
±15
ppm/
°C
IRMIN
≤ IR ≤ 1mA
0.7
1.5
Reverse Breakdown Voltage
Change with Operating
Current Change
1mA
≤ IR ≤ 12mA
2.5
8.0
mV
Reverse Dynamic
Impedance (Note 3)
ZR
IR = 1mA, f = 120Hz, IAC = 0.1IR
0.5
1.5
Ω
Wideband Noise
eN
IR = 100µA, 10Hz
≤ f ≤ 10kHz
20
µVRMS
Reverse Breakdown Voltage
Long-Term Stability
∆VR
T = 1000h
120
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com