Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX536 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX536
Description  Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX536 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX536_11 Datasheet HTML 1Page - Maxim Integrated Products MAX536_11 Datasheet HTML 2Page - Maxim Integrated Products MAX536_11 Datasheet HTML 3Page - Maxim Integrated Products MAX536_11 Datasheet HTML 4Page - Maxim Integrated Products MAX536_11 Datasheet HTML 5Page - Maxim Integrated Products MAX536_11 Datasheet HTML 6Page - Maxim Integrated Products MAX536_11 Datasheet HTML 7Page - Maxim Integrated Products MAX536_11 Datasheet HTML 8Page - Maxim Integrated Products MAX536_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE—ANALOG SECTION
Resolution
N12
Bits
MAX536A
±1.0
TA = +25°C
MAX536B
±2.0
MAX536AC
±2.0
MAX536BC
±3.0
MAX536AE
±2.5
Total Unadjusted Error (Note 1)
TUE
TA = TMIN to TMAX
MAX536BE
±3.5
LSB
MAX536A
±0.15
±0.50
Integral Nonlinearity
INL
MAX536B
±1
LSB
Differential Nonlinearity
DNL
Guaranteed monotonic
±1
LSB
MAX536A
±2.5
TA = +25°C
MAX536B
±5.0
MAX536AC
±5.0
MAX536BC
±7.5
MAX536AE
±6.1
Offset Error
TA = TMIN to TMAX
MAX536BE
±8.5
mV
RL =
∞
-0.1
±1.0
MAX536_C/E
-0.6
±1.5
Gain Error
RL = 5k
Ω
MAX536_M
±2.0
LSB
VDD Power-Supply Rejection
Ratio
PSRR
TA = +25°C, 10.8V < VDD < 13.2V
±0.02
±0.125
LSB/V
VSS Power-Supply Rejection Ratio
PSRR
TA = +25°C, -5.5V < VDD < -4.5V
±0.03
±0.30
LSB/V
Calibrated, Quad, 12-Bit
Voltage-Output DACs with Serial Interface
2
____________________________________________________________________________________________________
VDD to AGND or DGND
MAX536 ............................................................-0.3V to +13.2V
MAX537 .................................................................-0.3V to +7V
VSS to AGND or DGND ............................................-7V to +0.3V
SDI, SCK , CS, LDAC, TP, SDO
to AGND or DGND..................................-0.3V to (VDD + 0.3V)
REFAB, REFCD to AGND or DGND ..........-0.3V to (VDD + 0.3V)
OUT_ to AGND or DGND ..........................................VDD to VSS
Maximum Current into Any Pin............................................50mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.53mW/°C above +70°C) .................842mW
Wide SO (derate 9.52mW/°C above +70°C).................762mW
Operating Temperature Ranges
MAX53_AC_E/BC_E.............................................0°C to +70°C
MAX53_AE_E/BE_E ..........................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
ELECTRICAL CHARACTERISTICS—MAX536
(VDD = +12V, VSS = -5V, REFAB/REFCD = 8V, AGND = DGND = 0V, RL = 5kΩ, CL = 100pF, TA = TMIN to TMAX, unless
otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com