Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD2018 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PD2018
Description  200A Avg 800 Volts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PD2018 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PD2018 Datasheet HTML 1Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
─57─
■回路図 CIRCUIT
■外形寸法図 OUTLINE DRAWING (単位 Dimension:mm)
12
3
D1
D2
■最大定格 Maximum Ratings
項   目
Parameter
記号
Symbol
耐圧クラス Grade
単位
Unit
くり返しピーク逆電圧
*1
Repetitive Peak Reverse Voltage
VRRM
800
V
非くり返しピーク逆電圧
*1
Non Repetitive Peak Reverse Voltage
VRSM
900
V
PD2018
項   目
Parameter
記号
Symbol
条   件
Conditions
定格値
Max. Rated Value
単位
Unit
平均整流電流
*1
Average Rectified Output Current
I0
商用周波数 180°通電
Tc=94℃
Half Sine Wave
200
A
実効順電流
*1
RMS Forward Current
IF
(RMS)
314
A
電流二乗時間積
I Squared t
I
2t
2∼10ms
80000
A
2
s
動作接合温度範囲
Operating Junction Temperature Range
Tjw
−40∼+150
℃
保存温度範囲
Storage Temperature Range
Tstg
−40∼+125
℃
締付トルク
Mounting Torque
FW
2.5∼3.5
N・m
2.5∼3.5
N・m
ベース部
Mounting
主端子部
Terminal
項   目
Parameter
記号
Symbol
条   件
Conditions
特性値(最大)
Maximum Value
単位
Unit
ピーク逆電流
*1
Peak Reverse Current
IRM
Tj=150℃,VRM=VRRM
30
mA
ピーク順電圧
*1
Peak Forward Voltage
VFM
Tj= 25℃,IFM=600A
1.24
V
熱抵抗
*1
Thermal Resistance
Rth
(j-c)
接合部−ケース間
Junction to Case
0.23
℃/W
接触熱抵抗
*1
Thermal Resistance
Rth
(c-f)
ケース−フィン間,サーマルコンパウンド塗布
Case to Fin, Greased
0.15
℃/W
質量…約280g
*1:1アーム当りの値 Value Per 1 Arm.
Approximate Weight
サージ順電流
Surge Forward Current
IFSM
50Hz正弦半波,1サイクル,非くり返し
Half Sine Wave, 1Pulse, Non-Repetitive
4000
A
絶縁耐圧
Isolation Voltage
Viso
端子−裏面ベース間,AC1分間
Terminal to Base, AC1min.
2000
V
■電気的特性 Electrical Characteristics
M6
M6
DIODE
200A Avg 800 Volts
PD2018


Similar Part No. - PD2018

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD2018 NIEC-PD2018 Datasheet
172Kb / 6P
DIODE MODULE - 200A/800V
logo
Kyocera Kinseki Corpota...
PD2018 KSS-PD2018 Datasheet
574Kb / 5P
Diode
logo
National Instruments Co...
PD2018 NI-PD2018_15 Datasheet
26Kb / 1P
DIODE
More results

Similar Description - PD2018

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD200S8 NIEC-PD200S8 Datasheet
83Kb / 1P
200A Avg 800 Volts
PC2008 NIEC-PC2008_1 Datasheet
156Kb / 2P
200A Avg 800 Volts
PD20116 NIEC-PD20116_1 Datasheet
26Kb / 1P
200A Avg 1600 Volts
PDT2008 NIEC-PDT2008_1 Datasheet
260Kb / 4P
200A Avg 800 Volts
PDT2018 NIEC-PDT2018_1 Datasheet
380Kb / 3P
200A Avg 800 Volts
PFT2004N NIEC-PFT2004N_1 Datasheet
204Kb / 3P
200A Avg 300 Volts
PFT2014N NIEC-PFT2014N_1 Datasheet
198Kb / 3P
200A Avg 300 Volts
PGH2008AM NIEC-PGH2008AM_1 Datasheet
239Kb / 3P
200A Avg 800 Volts
PGH20016AM NIEC-PGH20016AM_1 Datasheet
239Kb / 3P
200A Avg 1600 Volts
logo
National Instruments Co...
PC2008 NI-PC2008_15 Datasheet
156Kb / 2P
200A Avg 800 Volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com