Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS12U07 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # GS12U07
Description  10 ~ 12WAC-DC Single Output Wall-mounted type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GS12U07 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  GS12U07 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GS12U07 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
78.5%
78.5%
76%
78.5%
80%
80%
80.5%
No load power consumption< 0.3W
ErP step2 compliant
Meet EISA 2007 (Energy Independence and Security Act)
2
Class
power (without earth pin)
Protections: Short circuit / Overload / Over Voltage / Over temperature
Fully enclosed plastic case
Approvals: UL / CUL / BSMI / CB / FCC
Pass LPS for full series
2 years warranty
Universal AC input / Full range
pole USA plug
SPECIFICATION
GS12U05-P1I
GS12U07-P1I
GS12U09-P1I
GS12U12-P1I
GS12U15-P1I
GS12U18-P1I
GS12U24-P1I
ORDERNO.
SAFETY MODEL NO.
DCVOLTAGE
RATEDCURRENT
OUTPUT
SETUP,RISE,HOLDUP TIME
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PLUG
CABLE
OVERLOAD
OVERVOLTAGE
9V
7.5V
5V
12V
15V
18V
24V
GS12U12
GS12U15
GS12U18
GS12U24
1.33A
1.6A
2.0A
1.0A
0.8A
0.67A
0.5A
CURRENTRANGE
0~1.33A
0~1.6A
0~2.0A
0~1.0A
0~0.8A
0~0.67A
0~0.5A
RIPPLE&NOISE(max.) Note.2
90mVp-p
90mVp-p
75mVp-p
120mVp-p
150mVp-p
180mVp-p
200mVp-p
VOLTAGETOLERANCE Note.3
LINEREGULATION
Note.4
LOADREGULATION
Note.5
3.0%
3.0%
1.0%
1.0%
1.0%
1.0%
1.0%
5.0%
4.0%
4.0%
5.0%
1.0%
1.0%
4.0%
4.0%
3.0%
3.0%
3.0%
3.0%
2.0%
2.0%
500ms,20ms,30ms/230VAC
atfullload
500ms,20ms,10ms/115VAC
90~264VAC135~370VDC
47~63Hz
0.31
A /230VAC
A /115VAC0.16
COLDSTART 25A /115VAC45A /230VAC
0.25mA /240VAC
>105%ratedoutputpower
115%~135%
UL60950-1,CSA22.2,BSMICNS14336approved
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVAC
I/P-O/P:
/25
/70%RH
100MOhms/500VDC
1414.6Khrsmin.MIL-HDBK-217F (25
)
0~+50
(Referto"DeratingCurve")
20%~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~40
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
65*47*26.5mm(L*W*H)
1.All parameters are specified at 115VAC input, rated load, 25
70% RH ambient.
2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
3.Tolerance: includes set up tolerance, line regulation, load regulation.
4.Line regulation is measured from low line to high line at rated load.
5.Load regulation is measured from 10% to 100% rated load.
6.The over temperature protection (OTP) is the built-in function of the control IC (U1). The activating level described above is based on the specification
provided by the IC manufacturer.
CONNECTOR
GS12U09
GS12U07
GS12U05
RATEDPOWER
12W
12W
12W
12W
10W
12.06W
12W
StandardtypeP1I:2.1
*5.5
*9.5mmturningforktype,centerpositiveforstock;Othertypeavailablebycustomerrequested
StandardtypeUL11856ft(4FT onlyfor5Voutput)forstock;Othertypeavailablebycustomerrequested
10~12W AC-DCSingleOutputWall-mountedtype
G S 1 2 U series
Features :
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Clampbyzenerdiode
ENVIRONMENT
PROTECTION
U1 Tj140
typically(U1)DetectonmaincontrolIC
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
OVERTEMPERATURE Note.6
PACKING
0.15Kg;100pcs/16Kg/CARTON
FileName:GS12U-SPEC2011-06-14
Complianceto
CNS13438classB
FCCPART 15/CISPR22classB,
EMCEMISSION


Similar Part No. - GS12U07

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GS12U07 MEANWELL-GS12U07 Datasheet
98Kb / 2P
10 ~ 12WAC-DC Single Output Wall-mounted type
GS12U07-P1I MEANWELL-GS12U07-P1I Datasheet
98Kb / 2P
10 ~ 12WAC-DC Single Output Wall-mounted type
More results

Similar Description - GS12U07

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ES25E MEANWELL-ES25E Datasheet
171Kb / 2P
20~25WAC-DC Single Output Wall-mounted type
GS12E MEANWELL-GS12E Datasheet
117Kb / 2P
10 ~ 12WAC-DC Single Output Wall-mounted type
GS12U MEANWELL-GS12U Datasheet
98Kb / 2P
10 ~ 12WAC-DC Single Output Wall-mounted type
GS18E MEANWELL-GS18E Datasheet
110Kb / 2P
10~18WAC-DC Single Output Wall-mounted type
GS18U MEANWELL-GS18U Datasheet
100Kb / 2P
10~18WAC-DC Single Output Wall-mounted type
GS25U MEANWELL-GS25U Datasheet
99Kb / 2P
20~25WAC-DC Single Output Wall-mounted type
GE12 MEANWELL-GE12 Datasheet
192Kb / 2P
10~15WAC-DC Single Output Interchangeable Wall-mounted type
GS05U-USB MEANWELL-GS05U-USB Datasheet
155Kb / 2P
5WAC-DC Single Output Wall-mounted type
GS12E MEANWELL-GS12E_11 Datasheet
204Kb / 2P
10 ~ 12WAC-DC Single Output Wall-mounted type
GS05E-USB MEANWELL-GS05E-USB Datasheet
94Kb / 3P
5WAC-DC Single Output Wall-mounted type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com