Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B1608 Datasheet(PDF) 3 Page - EPCOS

Part # B1608
Description  SAW RF low loss filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1608 Datasheet(HTML) 3 Page - EPCOS

  B1608 Datasheet HTML 1Page - EPCOS B1608 Datasheet HTML 2Page - EPCOS B1608 Datasheet HTML 3Page - EPCOS B1608 Datasheet HTML 4Page - EPCOS B1608 Datasheet HTML 5Page - EPCOS B1608 Datasheet HTML 6Page - EPCOS B1608 Datasheet HTML 7Page - EPCOS B1608 Datasheet HTML 8Page - EPCOS B1608 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
February 19, 2010
B1608
1472.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF low loss filter
Data Sheet
Characteristics
Operating temperature range:
T
= –40 ˚C ... +85 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
—
1472.0
—
MHz
Maximum insertion attenuation
α
max
1452.00
...1492.00 MHz
—
3.8
4.8
dB
Amplitude ripple in passband (p-p)
∆α
1452.00
...1492.00 MHz
—
1.0
1.5
dB
Attenuation
α
500.00
...1262.00 MHz
34.0
38.0
—
dB
1262.00
...1382.00 MHz
34.0
38.0
—
dB
1382.00
...1398.00 MHz
25.0
30.0
—
dB
1398.00
...1414.00 MHz
18.0
22.0
—
dB
1547.00
...1580.00 MHz
25.0
35.0
—
dB
1580.00
...2200.00 MHz
33.0
40.0
—
dB
Group delay ripple (p-p)
∆τ
Aperture 1 MHz
1452.00
...1492.00 MHz
—10
—
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com