Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B1653 Datasheet(PDF) 4 Page - EPCOS

Part # B1653
Description  SAW RF low loss filter Satellite CSS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1653 Datasheet(HTML) 4 Page - EPCOS

  B1653 Datasheet HTML 1Page - EPCOS B1653 Datasheet HTML 2Page - EPCOS B1653 Datasheet HTML 3Page - EPCOS B1653 Datasheet HTML 4Page - EPCOS B1653 Datasheet HTML 5Page - EPCOS B1653 Datasheet HTML 6Page - EPCOS B1653 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
December 18, 2009
B1653
1178.12 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF low loss filter
Data sheet
Matching network (element values depend on PCB layout)
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
ESD voltage
VESD
501)
V
machine model, 1 pulse
Input power at
1158.12... 1198.12 MHz PIN
0
dBm
source impedance 150
Ω
1) acc. to JESD22-A115A (machine model), 1 negative & 1 positive pulse.
Transfer function
Lp1
Lp2
Lp1 = 27nH
Lp2 = 27nH



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com