Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7313 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX7313
Description  16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7313 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX7313_11 Datasheet HTML 17Page - Maxim Integrated Products MAX7313_11 Datasheet HTML 18Page - Maxim Integrated Products MAX7313_11 Datasheet HTML 19Page - Maxim Integrated Products MAX7313_11 Datasheet HTML 20Page - Maxim Integrated Products MAX7313_11 Datasheet HTML 21Page - Maxim Integrated Products MAX7313_11 Datasheet HTML 22Page - Maxim Integrated Products MAX7313_11 Datasheet HTML 23Page - Maxim Integrated Products MAX7313_11 Datasheet HTML 24Page - Maxim Integrated Products MAX7313_11 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Compatibility with MAX7311
The MAX7313 is pin compatible and software compatible
with the standard register structure used by MAX7311,
PCA9535, and PCA9555. However, some MAX7311 func-
tions are not implemented in the MAX7313, and the
MAX7313’s PWM and blink functionality is not supported
in the MAX7311. Software compatibility is clearly not
100%, but the MAX7313 was designed so the subset
(omitted) features default to the same power-up behavior
as the MAX7311, PCA9535, and PCA9555, and superset
features do not use existing registers in a different way. In
practice, many applications can use the MAX7313 as a
drop-in replacement for the MAX7311.
Driving LED Loads
When driving LEDs, a resistor in series with the LED
must be used to limit the LED current to no more than
50mA. Choose the resistor value according to the fol-
lowing formula:
RLED = (VSUPPLY - VLED - VOL) / ILED
where:
RLED is the resistance of the resistor in series with the
LED (
Ω).
VSUPPLY is the supply voltage used to drive the LED (V).
VLED is the forward voltage of the LED (V).
VOL is the output low voltage of the MAX7313 when
sinking ILED (V).
ILED is the desired operating current of the LED (A).
For example, to operate a 2.2V red LED at 14mA from a
5V supply, RLED = (5 - 2.2 - 0.25) / 0.014 = 182Ω.
16-Port I/O Expander with LED Intensity
Control, Interrupt, and Hot-Insertion Protection
______________________________________________________________________________________________________
21
Table 13. Master, O16 Intensity Register
REGISTER DATA
REGISTER
ADDRESS
CODE
(HEX)
D7
D6
D5
D4
D3
D2
D1
D0
MSB
LSB
MSB
LSB
MASTER AND GLOBAL INTENSITY
R/
W
MASTER INTENSITY
O16 INTENSITY
Write master and global intensity
0
Read back master and global intensity
1
M3
M2
M1
M0
G3
G2
G1
G0
Master intensity duty cycle is 0/15 (off);
internal oscillator is disabled;
all outputs will be static with no PWM
—
0000
—
—
—
—
Master intensity duty cycle is 1/15
—
0001
—
—
—
—
Master intensity duty cycle is 2/15
—
0010
—
—
—
—
Master intensity duty cycle is 3/15
—
0011
—
—
—
—
—
—
—
————
———
Master intensity duty cycle is 13/15
—
1101
—
—
—
—
Master intensity duty cycle is 14/15
—
1110
—
—
—
—
Master intensity duty cycle is 15/15 (full)
—
1111
—
—
—
—
O16 intensity duty cycle is 1/16
—
—
—
—
—
0
0
0
0
O16 intensity duty cycle is 2/16
—
—
—
—
—
0
0
0
1
O16 intensity duty cycle is 3/16
—
—
—
—
—
0
0
1
0
—
—
—
————
———
O16 intensity duty cycle is 14/16
—
—
—
—
—
1
1
0
1
O16 intensity duty cycle is 15/16
—
—
—
—
—
1
1
1
0
O16 intensity duty cycle is 16/16
(static output, no PWM)
—
0X0E
—
———
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com