Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC4520F Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC4520F
Description  TRIPLE DIFFUSED NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC4520F Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC4520F Datasheet HTML 1Page - KEC(Korea Electronics) KTC4520F Datasheet HTML 2Page - KEC(Korea Electronics) KTC4520F Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2010. 6. 17
2/3
KTC4520F
Revision No : 1
BASE-EMITTER VOLTAGE V
(V)
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.8
1
2
3
4
BE
V
=5V
CE
C
COLLECTOR CURRENT I
(A)
0.02
0.1
10
0.01
0.2
0.5
2
0.02
0.05
0.2
1
2
10
CE(sat),
V
V
- I
BE(sat)
C
0.1
0.5
5
0.05
1
5
BE(sat)
V
CE(sat)
V
0.5
COLLECTOR CURRENT I
(A)
h
- I
200
0.02
10
5
2
1
50
20
100
CE
0.1
V
=5V
CB
I /I =5
0.05
0.2
500
1000
C
12
10
5
FE
0.01
C
COLLECTOR-EMITTER VOLTAGE V
(V)
0
1
2
3
4
CE
12
3
4
5
6
7
8
9 10
5
I =500mA
B
I =400mA
B
I =300mA
B
I =200mA
B
I =100mA
B
I =50mA
B
I =20mA
B
I =0mA
B
I
- V
C
CE
1
0.001
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
2
5
10
30
100 200
1000
500
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
I MAX.
C
(CONTINUOUS)
I MAX.(Pulse)*
C
P
=30W
C
*1
0mS
*1mS
* SINALE NONREPETITIVE
PULS Ta=25 C
SAFE OPERATING AREA
COLLECTOR-EMITTER VOLTAGE V
(V)
0.01
CE
10
REVERSE BIAS SAFE OPERATING AREA
20
50
100
200
500 1000
0.02
0.05
0.1
0.2
0.5
1
2
5
10
L=200
µH
I 2=-0.6A
B
CUREVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
I
- V
CBE
DC
OPERATION
Tc=25
C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com