Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C9014 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # C9014
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

C9014 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  C9014 Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2010. 3. 22
1/1
SEMICONDUCTOR
TECHNICAL DATA
KTC9014
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 1
GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION.
FEATURES
・Excellent h
FE Linearity
: hFE(IC=0.1mA)/hFE(IC=2mA)=0.95(Typ.).
・Low Noise :NF=1dB(Typ.) at f=1kHz.
・Complementary to KTC9015.
MAXIMUM RATING (Ta=25℃)
TO-92
DIM MILLIMETERS
A
B
C
D
F
G
H
J
K
L
4.70 MAX
4.80 MAX
3.70 MAX
0.45
1.00
1.27
0.85
0.45
14.00 0.50
0.55 MAX
2.30
D
1
2 3
B
K
G
H
F
F
E
C
E
N
0.45 MAX
M
1.00
N
+_
ELECTRICAL CHARACTERISTICS (Ta=25℃)
Note : hFE Classification A:60~150, B:100~300, C:200~600, D:400~1000
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=50V, IE=0
-
-
50
nA
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
100
nA
DC Current Gain
hFE (Note)
VCE=5V, IC=1mA
60
-
1000
Collector-Emitter Saturation Voltage
VCE(sat)
IC=100mA, IB=10mA
-
0.1
0.25
V
Transition Frequency
fT
VCE=10V, IC=1mA, f=100MHz
60
-
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
2.0
3.5
pF
Noise Figure
NF
VCE=6V, IC=0.1mA, Rg=10kΩ, f=1kHz
-
1.0
10
dB
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
150
mA
Emitter Current
IE
-150
mA
Collector Power Dissipation
PC*
625
mW
400
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55~150
℃
* Cu Lead-Frame : 625mW
Fe Lead-Frame : 400mW


Similar Part No. - C9014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C9014 ETC-C9014 Datasheet
75Kb / 2P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
General Cable Technolog...
C9014A GENERAL-C9014A Datasheet
71Kb / 1P
10C 22 AWG 7/30 TC PVC / PVC
C9014ZH GENERAL-C9014ZH Datasheet
172Kb / 1P
10C22 FR-LSZH, UNSHIELDED FR-LSZH Jacket EXZEL FR-LSZH Cable
More results

Similar Description - C9014

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com