Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS401 Datasheet(PDF) 2 Page - Semtech Corporation

Part # ACS401
Description  Acapella Optical Modem IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS401 Datasheet(HTML) 2 Page - Semtech Corporation

  ACS401 Datasheet HTML 1Page - Semtech Corporation ACS401 Datasheet HTML 2Page - Semtech Corporation ACS401 Datasheet HTML 3Page - Semtech Corporation ACS401 Datasheet HTML 4Page - Semtech Corporation ACS401 Datasheet HTML 5Page - Semtech Corporation ACS401 Datasheet HTML 6Page - Semtech Corporation ACS401 Datasheet HTML 7Page - Semtech Corporation ACS401 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Inter-IC Encoding Technique
The 3B4B encoding method is used for communication between
ACS401s, thus ensuring that there is no DC component in the
signal. The encoding and decoding is transparent to the user.
Transmitter and Receiver Functions
Signals TxD and RxD in this specification refer to the set of signals
TxD(1:4) and RxD(1:4) respectively.
The TxD input data of the transmitting modem is time compressed
and encoded in 3B4B format. In the receiving modem, 3B4B
encoding ensures easy extraction of the bit-clock. The received
data is filtered, decoded, then stored in an output memory. The
memory provides time expansion, de-jittering and frequency
compensation. The data is finally directed to the RxD output pin.
Operational Modes
The ACS401 has four operational modes controlled by DP(1:4).
There are modes of operation to support PPLED and LASER
duplex devices on single fiber. In addition, LED/PIN and
LASER/PIN are supported on dual fiber.
Operational
No. of
DP4
DP3
DP2
DP1
Mode
Fibers
1. PPLED
Single
1
0
0
1
2. 4-pin Duplex
Single
1
0
0
0
3. LED & PIN
Dual
1
0
0
0
4. LASER & PIN Dual
1
0
0
0
N.B. All LASERs must be 4-pin LASERS. DP(1:4) combinations
not listed above are factory IC test modes, and should not be
selected by the user. Damage to the PPLED/Duplex & LED/PIN
components may result if these illegal modes are selected.
N.B. for all Operational modes 1, 2, 3, 4 SETB (Pin2) MUST be
tied High.
Mode 1 - LED single fiber mode
This is the operational mode for single fiber LED transmission, i.e.
the LED is a ‘ping-pong’ type (PPLED) used for both transmit and
receive. Connect PINP of ACS401 to GND and leave PINN floating.
Mode 2 4-pin Laser duplex single fiber mode
This is a single fiber mode where the Laser duplex device is
employed. This duplex device comprises a 4-pin Laser for
transmission and a PIN diode for reception in a single housing.
The Duplex devices are driven by the ACS401 in a half-duplex
manner, so potential cross-talk between the transmitter and
receiver is of no consequence.
It is necessary to use a small number of external components
(shown in the diagram) to support the power regulation technique.
The method for setting the Laser power is described in section
headed Control of LASER current .
VA+ is the +5V supply used to power the analogue of the ACS401.
AGND is analogue ground (pin 49 of the ACS401).The loop is
stable when the average current from the monitor pin equals the
current through variable resistor VR2. The voltage VC is stable at
this point and sets the laser drive current.
Mode 3 - LED/PIN dual fiber mode
This is a dual fiber mode where the LED is used for transmission
and a separate PIN diode is used for reception. This allows the
use of low cost standard LEDs.
Mode 4 4-Pin LASER/PIN dual fiber mode
This is a dual fiber mode where the 4-pin laser is used for
transmission and a separate PIN diode is used for reception.
It is necessary to use a small number of external components
(shown in the diagram) to support the power regulation technique.
The method for setting the Laser power is described in section
headed Control of LASER current .
VA+ is the +5V supply used to power the analogue of the ACS401.
AGND is analogue ground (pin 49 of the ACS401).The loop is
stable when the average current from the monitor pin equals the
current through variable resistor VR2. The voltage VC is stable at
this point and sets the laser drive current.
Single
Fiber
LED
LAP
LAN
LED single fiber mode
4-pin Laser duplex single fiber mode
with external Laser drive circuitry
Laser
PIN Diode
nF
nF
VC
LAN
VA+
Single
Fiber
VR2
50k
IN4001
PMOS
ZVP4424A
AGND
PINN
nF
PINP
Fiber
Fiber
LED/PIN dual fiber mode
LED
PIN diode
LAN
LAP
PINN
Laser
nF
VC
LAN
VA+
VR2
50k
IN4001
PMOS
ZVP4424A
AGND
PINN
Fiber
PIN Diode
Fiber
470 nF
4-pin Laser dual fiber mode with
external Laser drive circuitry
100 nF
Acapella Optical Modem IC
ACS401
128 kbps Optical Modem for Long Haul Transmission for Single/Dual Fiber applications
100
10
470



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com