Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS406CS Datasheet(PDF) 2 Page - Semtech Corporation

Part # ACS406CS
Description  4 x E1/T1 Fiber Mux/De-mux over One Fiber Optic Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS406CS Datasheet(HTML) 2 Page - Semtech Corporation

  ACS406CS Datasheet HTML 1Page - Semtech Corporation ACS406CS Datasheet HTML 2Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ISO9001
CERTIFIED
Semtech reserves the right to change specifications on catalog devices without notice.
© Copyright Semtech Corp 2000
Advanced Communications
Revision 1.3 March 2000
PRODUCT BRIEF
For additional information, contact the following:
Semtech Corporation Advanced Communications Products
E-Mail:
AdvCom@semtech.com
Internet:
http://www.semtech.com
USA:
652 Mitchell Road, Newbury Park, CA 91320-2289
Tel: +1 805 498 2111, Fax: +1 805 498 3804
FAR EAST: 11F, No. 46, Lane 11, Kuang Fu North Road, Taipei, Taiwan, R.O.C.
Tel: +886 2 2748 3380, Fax: +886 2 2748 3390
EUROPE:
Delta House, Chilworth Research Centre, Southampton, Hants, SO16 7NS, UK
Tel: +44 23 80 769008, Fax: +44 23 80 768612
APPLICATIONS
· Add/Drop Multiplexers
· Point to point FOM
· ISDN fiber extender
· N x E1/T1 Fiber Mux/Demux - 2G+ and 3G Base Station interconnect.
Single Fiber Link
4 transmit data channels
4 receive data channels
4 transmit data clocks
4 receive data clocks
4 transmit maint. channels
4 receive maint. channels
1 transmit maint. clock
1 receive maint. clock
TPOS1/TNEG1
TPOS2/TNEG2
TPOS3/TNEG3
TPOS4/TNEG4
RPOS1/RNEG1
RPOS2/RNEG2
RPOS3/RNEG3
RPOS4/RNEG4
TCLK1/RCLK1
TCLK2/RCLK2
TCLK3/RCLK3
TCLK4/RCLK4
TmD1/RmD1
TmD2/RmD2
TmD3/RmD3
TmD4/RmD4
TmCLK/RmCLK
ACS406CS
RPOS1/RNEG1
RPOS2/RNEG2
RPOS3/RNEG3
RPOS4/RNEG4
TPOS1/TNEG1
TPOS2/TNEG2
TPOS3/TNEG3
TPOS4TNEG4
RCLK1/TCLK1
RCLK2/TCLK2
RCLK3/TCLK3
RCLK4/TCLK4
RmD1/TmD1
RmD2/TmD2
RmD3/TmD3
RmD4/TmD4
RmCLK/TmCLK
ACS406CS
ACS406CS
4 x E1/T1 Fiber Mux
HF
HF
Transmitter
Transmitter
HF
HF
Receiver
Receiver
Micro
Micro--controller
controller
DSP
DSP
Memory
Memory
Radio Base Station
Up to 4 x E1/T1 + maintenance
Single fiber link up to 25km
Laser Duplex
Device
ACS406CS
Fiber Optic
Modem/
Transceiver



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com