Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF30L100CT Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # MBRF30L100CT
Description  SCHOTTKY BARRIER TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MBRF30L100CT Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  MBRF30L100CT Datasheet HTML 1Page - KEC(Korea Electronics) MBRF30L100CT Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2009. 3. 12
1/2
SEMICONDUCTOR
TECHNICAL DATA
MBRF30L100CT
SCHOTTKY BARRIER TYPE DIODE
Revision No : 1
SWITCHING TYPE POWER SUPPLY APPLICATION.
CONVERTER & CHOPPER APPLICATION.
FEATURES
・Average Output Rectified Current
: IO=30A.
・Repetitive Peak Reverse Voltage
: VRRM=100V.
・Low forward voltage drop, low power losses
MAXIMUM RATING (Ta=25
)
TO-220IS (1)
A
A
B
C
C
D
D
E
E
F
G
H
H
1.47 MAX
1.47 MAX
J
K
L
M
L
N
NN
O
Q
1. ANODE
2. CATHODE
3. ANODE
R
R
12
3
M
DIM MILLIMETERS
10.16 0.2
+_
15.87 0.2
+_
2.54 0.2
+_
0.8 0.1
+_
3.18 0.1
+_
0.5 0.1
+_
3.23 0.1
+_
13.0 0.5
+_
2.54 0.2
+_
4.7 0.2
+_
6.68 0.2
+_
2.76 0.2
+_
3.3 0.1
+_
12.57 0.2
+_
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Peak Forward Voltage
(Note)
VFM
IFM=5A, Ta=25
-
0.45
-
V
IFM=10A, Ta=25
-
0.55
-
V
IFM=30A, Ta=25
-
0.80
0.85
V
Repetitive Peak
Reverse Current
(Note)
IRRM
VRRM=70V
-
30
-
㎂
VRRM=100V
-
70
1000
㎂
Thermal Resistance
(Note)
Rth(j-c)
Juction to Case
-
-
2.5
/W
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VRRM
100
V
Average Output Rectified
Current (Tc=108
(Note)
IO
30
A
Peak One Cycle Surge Forward
Current (Non-Repetitive 60Hz)
IFSM
350
A
Junction Temperature
Tj
-40
150
Storage Temperature Range
Tstg
-55
150
Note : average forward current of centertap full wave connection.
Note : A value of one cell
3
1
2


Similar Part No. - MBRF30L100CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF30L100CT TSC-MBRF30L100CT Datasheet
212Kb / 2P
30.0 AMP. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBRF30L100CT KERSEMI-MBRF30L100CT Datasheet
973Kb / 2P
30.0 AMP. Schottky Barrier Rectifiers
logo
SUNMATE electronic Co.,...
MBRF30L100CT SUNMATE-MBRF30L100CT Datasheet
2Mb / 2P
LOW VF SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBRF30L100CT

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
USFB13A KEC-USFB13A Datasheet
437Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBR2060CT KEC-MBR2060CT Datasheet
35Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR331V KEC-KDR331V Datasheet
68Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR735T KEC-KDR735T Datasheet
34Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBR10100CT KEC-MBR10100CT Datasheet
441Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRD10U100CT KEC-MBRD10U100CT Datasheet
43Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF10U100CTA KEC-MBRF10U100CTA Datasheet
375Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF10U200CTA KEC-MBRF10U200CTA Datasheet
44Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF560CT KEC-MBRF560CT_08 Datasheet
45Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
logo
Kersemi Electronic Co.,...
MBRF20200CT KERSEMI-MBRF20200CT Datasheet
766Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com