Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF30100CT Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # MBRF30100CT
Description  SCHOTTKY BARRIER TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MBRF30100CT Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  MBRF30100CT_08 Datasheet HTML 1Page - KEC(Korea Electronics) MBRF30100CT_08 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2008. 5. 13
1/2
SEMICONDUCTOR
TECHNICAL DATA
MBRF30100CT
SCHOTTKY BARRIER TYPE DIODE
Revision No : 2
SWITCHING TYPE POWER SUPPLY APPLICATION.
CONVERTER & CHOPPER APPLICATION.
FEATURES
Average Output Rectified Current
: IO=30A.
Repetitive Peak Reverse Voltage
: VRRM=100V.
Fast Reverse Recovery Time : trr=35ns.
MAXIMUM RATING (Ta=25
)
TO-220IS (1)
A
A
B
C
C
D
D
E
E
F
G
H
H
1.47 MAX
1.47 MAX
J
K
L
M
L
N
NN
O
Q
1. ANODE
2. CATHODE
3. ANODE
R
R
12
3
M
DIM
MILLIMETERS
10.16
0.2
+
_
15.87
0.2
+
_
2.54
0.2
+
_
0.8
0.1
+
_
3.18
0.1
+
_
0.5
0.1
+
_
3.23
0.1
+
_
13.0
0.5
+
_
2.54
0.2
+
_
4.7
0.2
+
_
6.68
0.2
+
_
2.76
0.2
+
_
3.3
0.1
+
_
12.57
0.2
+
_
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Peak Forward Voltage
(Note)
VFM
IFM=15A
-
-
0.85
V
Repetitive Peak
Reverse Current
(Note)
IRRM
VRRM=Rated
-
-
150
Reverse Recovery Time
(Note)
trr
IFM=1.0A, di/dt=-30A/
-
-
35
ns
Thermal Resistance
(Note)
Rth(j-c)
Juction to Case
-
-
2.5
/W
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VRRM
100
V
Average Output Rectified
Current (Note)
IO
30
A
Peak One Cycle Surge Forward
Current (Non-Repetitive 60Hz)
IFSM
350
A
Junction Temperature
Tj
-40
150
Storage Temperature Range
Tstg
-55
150
Note : average forward current of centertap full wave connection.
Note : A value of one cell
3
1
2


Similar Part No. - MBRF30100CT_08

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRF30100CT-LJ DIODES-MBRF30100CT-LJ Datasheet
215Kb / 4P
30A SCHOTTKY BARRIER RECTIFIER
Rev 5
logo
Taiwan Semiconductor Co...
MBRF30100CT-Y TSC-MBRF30100CT-Y Datasheet
233Kb / 4P
Dual Common Cathode Schottky Rectifier
logo
Sangdest Microelectroni...
MBRF30100CTL SMC-MBRF30100CTL Datasheet
228Kb / 5P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
MBRF30100CTL SMCDIODE-MBRF30100CTL Datasheet
253Kb / 4P
MBRF30100CTL SCHOTTKY RECTIFIER
Rev. B
logo
Sangdest Microelectroni...
MBRF30100CTP SMC-MBRF30100CTP Datasheet
184Kb / 5P
SCHOTTKY RECTIFIER
More results

Similar Description - MBRF30100CT_08

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
USFB13A KEC-USFB13A Datasheet
437Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBR2060CT KEC-MBR2060CT Datasheet
35Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR331V KEC-KDR331V Datasheet
68Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR735T KEC-KDR735T Datasheet
34Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBR10100CT KEC-MBR10100CT Datasheet
441Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRD10U100CT KEC-MBRD10U100CT Datasheet
43Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF10U100CTA KEC-MBRF10U100CTA Datasheet
375Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF10U200CTA KEC-MBRF10U200CTA Datasheet
44Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF560CT KEC-MBRF560CT_08 Datasheet
45Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
logo
Kersemi Electronic Co.,...
MBRF20200CT KERSEMI-MBRF20200CT Datasheet
766Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com