Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3721 Datasheet(PDF) 3 Page - EPCOS

Part # B3721
Description  SAW filter Short range devices
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3721 Datasheet(HTML) 3 Page - EPCOS

  B3721 Datasheet HTML 1Page - EPCOS B3721 Datasheet HTML 2Page - EPCOS B3721 Datasheet HTML 3Page - EPCOS B3721 Datasheet HTML 4Page - EPCOS B3721 Datasheet HTML 5Page - EPCOS B3721 Datasheet HTML 6Page - EPCOS B3721 Datasheet HTML 7Page - EPCOS B3721 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
January 31, 2011
B3721
433.92 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Reference temperature:
T
=
25 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
max.
Center frequency
fC
—
433.92
—
MHz
Maximum insertion attenuation
α
max
433.12 ...
434.72 MHz
—
2.6
2.9
dB
Amplitude ripple (p-p)
∆α
433.12 ...
434.72 MHz
—
0.4
0.8
dB
Input VSWR
433.12 ...
434.72 MHz
—
1.8
2.0
Output VSWR
433.12 ...
434.72 MHz
—
1.8
2.0
Attenuation
α
10.00 ...
380.00 MHz
60
65
—
dB
380.00 ...
423.42 MHz
46
51
—
dB
423.42 ...
427.42 MHz
30
34
—
dB
427.42 ...
429.42 MHz
14
17
—
dB
438.42 ...
444.42 MHz
12
16
—
dB
444.42 ...
460.00 MHz
32
37
—
dB
460.00 ...
700.00 MHz
52
58
—
dB
700.00 ... 1000.00 MHz
48
51
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com