Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS220A12-R7B Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # GS220A12-R7B
Description  220WAC-DC Single Output Desktop
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GS220A12-R7B Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  GS220A12-R7B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GS220A12-R7B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DeratingCurve
StaticCharacteristics
MechanicalSpecification
AMBIENTTEMPERATURE(
)
0
-30
20
10
30
40
20
40
80
60
100
60
50
70
INPUTVOLTAGE(VAC)60Hz
90
100
95
120
110
160
140
200
180
240
220
264
90
100
80
70
60
50
40
(HORIZONTAL)
Plug Assignment
CaseNo.961A
Unit:mm
50
230VAC
100VACforothers
POWERLED
46
210
30 3mm
UL118516AWGx4C1000 50mm
1
2
4
3
220W AC-DCSingleOutputDesktop
G S 2 2 0 series
FileName:GS220-SPEC 2011-06-15
110VACfor12~15V
For12~15V
Forothers
R7B
Standardplug:R7B
PINNO.
1,4
2,3
OUTPUT
+V
-V
2
3
1
4
ACFG
-Vconnectedto ACFG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com