Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7699 Datasheet(PDF) 5 Page - EPCOS

Part # B7699
Description  SAW Duplexer for W-CDMA Band IV / CDMA 1x AWS Band
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7699 Datasheet(HTML) 5 Page - EPCOS

  B7699 Datasheet HTML 1Page - EPCOS B7699 Datasheet HTML 2Page - EPCOS B7699 Datasheet HTML 3Page - EPCOS B7699 Datasheet HTML 4Page - EPCOS B7699 Datasheet HTML 5Page - EPCOS B7699 Datasheet HTML 6Page - EPCOS B7699 Datasheet HTML 7Page - EPCOS B7699 Datasheet HTML 8Page - EPCOS B7699 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
February 04, 2010
B7699
1732.5/2132.5 MHz
SAW Components
SAW Duplexer
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics for W-CDMA Band 4
Temperature range for specification:
T
= –15 ˚C to +80 ˚C
Antenna terminating impedance:
ZANT=50 Ω
RX terminating impedance:
ZRX =50 Ω
TX terminating impedance:
ZTX =50 Ω
Characterisitcs TX - RX
min.
typ.
@25˚C
max.
Isolation
α
WCDMA
1)
1) Attenuation of WCDMA signal (“Powertransferfunction“). Please refer to annotation on page (9).
@fcarrier
1712.4
... 1752.6
MHz
52
56
dB
@fcarrier
2112.4
... 2152.6
MHz
45
51
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com