Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX13000E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX13000E
Description  Ultra-Low-Voltage Level Translators Enable/Shutdown Control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13000E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX13000E Datasheet HTML 1Page - Maxim Integrated Products MAX13000E Datasheet HTML 2Page - Maxim Integrated Products MAX13000E Datasheet HTML 3Page - Maxim Integrated Products MAX13000E Datasheet HTML 4Page - Maxim Integrated Products MAX13000E Datasheet HTML 5Page - Maxim Integrated Products MAX13000E Datasheet HTML 6Page - Maxim Integrated Products MAX13000E Datasheet HTML 7Page - Maxim Integrated Products MAX13000E Datasheet HTML 8Page - Maxim Integrated Products MAX13000E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Ultra-Low-Voltage Level Translators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +1.5V to +3.6V, VL = +0.9V to VCC, CI/OVL
≤ 15pF, CI/OVCC ≤ 50pF, TA = -40°C to +85°C, unless otherwise noted. Typical val-
ues are at TA = +25°C.) (Notes 1, 4)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltages referenced to GND.
VCC ...........................................................................-0.3V to +4V
VL..............................................................................-0.3V to +4V
I/OVCC_.......................................................-0.3V to (VCC + 0.3V)
I/OVL_ ............................................................-0.3V to (VL + 0.3V)
EN .................................................................-0.3V to (VL + 0.3V)
Short-Circuit Duration I/OVL_, I/OVCC_ to GND ..........Continuous
Continuous Power Dissipation (TA = +70°C)
16-Pin TSSOP (derate 9.4mW/°C at +70°C) ................755mW
16-Bump UCSP (derate 8.2mW/°C at +70°C) .............659mW
Operating Temperature Range ..........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VL Supply Range
VL
VL
≤ VCC (Note 2)
0.9
VCC
V
VCC Supply Range
VCC
(Note 2)
1.5
3.6
V
TA = +25
°C4
Supply Current from VCC
(Note 3)
IQVCC
TA = +85
°C40
µA
(Note 3)
1
5
TA = +25
°C
VL < VCC - 0.2V
2
(Note 3)
4
40
Supply Current from VL (Note 3)
IQVL
TA = +85
°C
VL < VCC - 0.2V
20
µA
EN = GND, TA = +25
°C2
VCC Shutdown Supply Current
(Note 3)
ISHDN-VCC
EN = GND, TA = +85
°C20
µA
VL < VCC - 0.2V,
EN = GND
2
TA = +25
°C
EN = GND
1
4
VL < VCC - 0.2V,
EN = GND
20
VL Shutdown Supply Current
(Note 3)
TA = +85
°C
EN = GND
40
µA
TA = +25
°C
0.35
I/O Tri-State Output Leakage
Current
I/O VL_, I/O VCC_,
EN = GND
TA = +85
°C1
µA
TA = +25
°C
0.2
I/O Tri-Stated Output Leakage
Current
VL < VCC - 0.2V, I/O
VL_, I/O VCC_,
EN = GND
TA = +85
°C
0.5
µA
TA = +25
°C
0.35
EN Input Leakage Current
TA = +85
°C1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com