Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPF-90D Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # LPF-90D
Description  90W Single Output Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPF-90D Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  LPF-90D Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPF-90D Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LPF-90D Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LPF-90D Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MechanicalSpecification
DETECTION
PWM&PFC
CIRCUIT
O.L.P.
O.T.P.
EMIFILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
CONTROL
O.V.P.
&
O.L.P.
PFC
CIRCUIT
fosc:100KHz
+V(Red)
DIM+(Blue)
-V(Black)
DIM-(White)
DIM+
DIM-
T case:Max.Case Temperature.
T case
91
BlockDiagram
AMBIENTTEMPERATURE( )
230VAC
Inputonly
-40
-25
0
-10
15
30
50
60
70
20
40
60
80
100
(HORIZONTAL)
DeratingCurve
StaticCharacteristics
INPUTVOLTAGE(V)60Hz
90
100
125
135
145
155 165
175
180
200
230
305
100
90
80
70
60
50
40
90WSingleOutputSwitchingPowerSupply
L P F - 9 0 D series
FileName:LPF-90D-SPEC2011-07-27
300 20
300 20
SJTW18AWG 2C
UL246418AWG 4C
AC/L(Brown)
AC/N(Blue)
161
4.5
4.
5
4
4
CaseNo.LPF-90A
Unit:mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com