Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPLC-18 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # LPLC-18
Description  18W Single Output Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPLC-18 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  LPLC-18 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPLC-18 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OVERTEMPERATURE
Tj140t ypically(U1)DetectonmaincontrolIC
SPECIFICATION
MODEL
LPLC-18-350
LPLC-18-700
DCVOLTAGERANGE
RATEDCURRENT
RATEDPOWER
OUTPUT
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
ACCURRENT
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERVOLTAGE
6~48V
6~25V
350mA
700mA
16.8W
17.5W
300mVp-p
250mVp-p
5.0%
1.0%
3.0%
3600ms,150ms/115VAC
47~63Hz
82%
80%
0.5A/115VAC
0.25mA /120VAC
-30~70
(Refertooutputloadderatingcurve)
20~90%RH non-condensing
-40~+80
,10~95%RH
0.2%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
1. All parameters NOT specially mentioned are measured at 115VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Derating may be needed under low input voltage. Please check the static characteristic for more details.
5. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
6. Suitable for indoor use or outdoor use without direct sunlight exposure.
18WSingleOutputSwitchingPowerSupply
Constant current mode power supply
90-132VAC input only
Fully encapsulated with IP67 level (Note.6)
Protections:Short circuit / Overload / Over voltage / Over temperature
Cooling by free air convection
Pass LPS
100% full load burn-in test
Suitable for LED lighting and moving sign applications
High reliability / Low cost
2 years warranty
L P L C - 1 8 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
(Note5)
PROTECTION
FileName:LPLC-18-SPEC2011-03-09
SAFETY STANDARDS
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVAC
HARMONICCURRENT
EMSIMMUNITY
CompliancetoEN55022(CISPR22)Class A,FCCpart15
Complianceto EN61000-3-2Class A,EN61000-3-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN55024,Lightindustrylevel,criteria A
EMICONDUCTION&RADIATION
HOLDUP TIME (Typ.)
20ms/115VACatfullload
50.4~60V
28.75~33.75V
Protectiontype: Shutoffo/pvoltage,clampingbyzenerdiode
140*30*22(L*W*H)
Coldstart40A/115VAC
Protectiontype:Hiccupmode,recoversautomaticallyaftertemperaturegoesdown
IP67approved;designrefertoUL1310Class2,TUVEN60950-1,EN61347-2-13,CAN/CSA C22.2No.223-M91
1200.6Khrsmin.MIL-HDBK-217F(25)
0.175Kg;70pcs/13.3Kgs/0.71CUFT
Features :
IP67
LPS
I/P-O/P:>100MOhms/500VDC/25
/70%RH
5%ratedoutputcurrent
Protectiontype: Constantcurrentlimitingtype
CURRENTLIMIT
(LVD)
90~132VAC
127~186VDC


Similar Part No. - LPLC-18

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPLC-18-350 MEANWELL-LPLC-18-350 Datasheet
150Kb / 2P
18W Single Output Switching Power Supply
LPLC-18-350 MEANWELL-LPLC-18-350 Datasheet
153Kb / 2P
18W Single Output Switching Power Supply
LPLC-18-700 MEANWELL-LPLC-18-700 Datasheet
150Kb / 2P
18W Single Output Switching Power Supply
LPLC-18-700 MEANWELL-LPLC-18-700 Datasheet
153Kb / 2P
18W Single Output Switching Power Supply
LPLC-18_1111 MEANWELL-LPLC-18_1111 Datasheet
153Kb / 2P
18W Single Output Switching Power Supply
More results

Similar Description - LPLC-18

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPH-18 MEANWELL-LPH-18 Datasheet
666Kb / 2P
18W Single Output Switching Power Supply
LPL-18 MEANWELL-LPL-18 Datasheet
659Kb / 2P
18W Single Output Switching Power Supply
LPHC-18-350 MEANWELL-LPHC-18-350 Datasheet
722Kb / 2P
18W Single Output Switching Power Supply
LPLC-18-350 MEANWELL-LPLC-18-350 Datasheet
150Kb / 2P
18W Single Output Switching Power Supply
LPHC-18 MEANWELL-LPHC-18_11 Datasheet
151Kb / 2P
18W Single Output Switching Power Supply
LPH-18_1107 MEANWELL-LPH-18_1107 Datasheet
148Kb / 2P
18W Single Output Switching Power Supply
LPLC-18_1111 MEANWELL-LPLC-18_1111 Datasheet
153Kb / 2P
18W Single Output Switching Power Supply
LPL-18_1111 MEANWELL-LPL-18_1111 Datasheet
158Kb / 2P
18W Single Output Switching Power Supply
LPHC-18 MEANWELL-LPHC-18_12 Datasheet
730Kb / 2P
18W Single Output Switching Power Supply
LPH-18 MEANWELL-LPH-18_12 Datasheet
739Kb / 2P
18W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com