Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP650 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # MP650
Description  450W/650W/1000W Modular Power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MP650 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  MP650 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MP650 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. MP650 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. MP650 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. MP650 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. MP650 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
OUTPUT
(MS-300)
DCVOLTAGE
OUTPUTVOLTAGECODE
1500ms,50ms,20msatfullload
2SLOTSingleoutput(300W)MS-300
RATEDCURRENT
CURRENTRANGE
PEAKLOAD
Note.4
RATEDPOWER
RIPPLE&NOISE(max.) Note.2
VOLTAGE ADJ.RANGE
VOLTAGETOLERANCE Note.3
LINEREGULATION
LOADREGULATION
SETUP,RISE,HOLDUP TIME
SPECIFICATION
OVERLOAD
OVERVOLTAGE
PROTECTION
116~150% ratedoutputpower
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
450W/650W/1000WModularPower
M P series
OUTPUT
(MS-75)
DCVOLTAGE
OUTPUTVOLTAGECODE
3.3V
5V
12V
15V
24V
48V
15A
15A
6.3A
5A
3.2A
1.6A
0~15A
0~15A
0~6.3A
0~5A
0~3.2A
0~1.6A
17.3A
17.3A
7.3A
5.8A
3.7A
1.8A
49.5W
75W
75.6W
75W
76.8W
76.8W
80mVp-p
80mVp-p
150mVp-p
150mVp-p
150mVp-p
250mVp-p
2.6~4V
4~6V
9~13.2V
13.2~16.8V
20~26.4V
40~53V
2.0%
2.0%
1.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.3%
0.3%
0.2%
0.2%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
MS-75L
MS-75M
MS-75N
MS-75O
MS-75P
MS-75Q
1500ms,50ms,20msatfullload
1SLOTSingleoutput(75W)MS-75
RATEDCURRENT
CURRENTRANGE
PEAKLOAD
Note.4
RATEDPOWER
RIPPLE&NOISE(max.) Note.2
VOLTAGE ADJ.RANGE
VOLTAGETOLERANCE Note.3
LINEREGULATION
LOADREGULATION
SETUP,RISE,HOLDUP TIME
OVERLOAD
OVERVOLTAGE
PROTECTION
116~150% ratedoutputpower
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
4.1~5V
6.1~7.5V
13.3~18V
16.9~22V
26.5~35V
53.1~60V
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
OUTPUT
(MS-150)
DCVOLTAGE
OUTPUTVOLTAGECODE
MS-150A
MS-300-2A MS-300-2B MS-300-2C MS-300-2D MS-300-2E MS-300-2F MS-300-2G MS-300-2H MS-300-2I
MS-300-2J
MS-300-2K
2V
2V
3.3V
3.3V
5V
5V
7.5V
7.5V
12V
12V
15V
15V
18V
18V
24V
24V
27V
27V
33V
33V
48V
48V
25A
50A
50A
50A
25A
25A
18A
40A
13A
25A
10A
20A
8.5A
16.7A
6.5A
12.5A
5.8A
11.2A
4.7A
9.1A
3.2A
6.3A
0~25A
0~50A
0~50A
0~50A
0~25A
0~25A
0~18A
0~40A
0~13A
0~25A
0~10A
0~20A
0~8.5A
0~16.7A
0~6.5A
0~12.5A
0~5.8A
0~11.2A
0~4.7A
0~9.1A
0~3.2A
0~6.3A
30A
57.5A
57.5A
57.5A
30A
30A
20.7A
46A
15A
29A
11.5A
23A
9.8A
19.2A
7.5A
14.4A
6.7A
12.9A
5.4A
10.5A
3.68A
7.2A
50W
100W
165W
82.5W
125W
250W
135W
300W
156W
300W
150W
300W
153W
300.6W
156W
300W
156.6W
302.4W
155.1W
300.3W
153.6W
302.4W
50mVp-p
80mVp-p
80mVp-p
80mVp-p
80mVp-p
80mVp-p
100mVp-p
100mVp-p
150mVp-p
150mVp-p
150mVp-p
150mVp-p
150mVp-p
150mVp-p
150mVp-p
150mVp-p
150mVp-p
200mVp-p
250mVp-p
250mVp-p
250mVp-p
300mVp-p
1.6~2.6V
1.6~2.6V 2.6~4V
2.6~4V
4~6V
4~6V
6~9V
6~9V
9~13.2V
9~13.2V
13.2~16.8V
13.2~16.8V
16.8~20V
16.8~20V
20~26.4V
20~26.4V
25~31V
25~31V
30~40V
30~40V
40~53V
40~53V
3.0%
3.0%
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.3%
0.3%
0.3%
0.3%
0.3%
0.3%
0.2%
0.2%
0.2%
0.2%
0.2%
0.2%
0.2%
0.2%
2.0%
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
1.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
MS-150B
MS-150C
MS-150D
MS-150E
MS-150F
MS-150G MS-150H
MS-150I
MS-150J
MS-150K
1500ms,50ms,20msatfullload
1SLOTSingleoutput(150W)MS-150
RATEDCURRENT
CURRENTRANGE
PEAKLOAD
Note.4
RATEDPOWER
RIPPLE&NOISE(max.) Note.2
VOLTAGE ADJ.RANGE
VOLTAGETOLERANCE Note.3
LINEREGULATION
LOADREGULATION
SETUP,RISE,HOLDUP TIME
OVERLOAD
OVERVOLTAGE
PROTECTION
121~150% ratedoutputpower
116~150% ratedoutputpower
2.7~4V
3~4V
4.1~5V
4.1~5V
6.1~7.5V
6.1~7.5V
9.1~11.2V
9.1~11.2V
13.3~18V
13.3~18V
16.9~22V
16.9~22V
20.1~26V
20.1~26V
26.5~35V
26.5~35V
31.1~39V
31.1~39V
40.1~48V
40.1~48V
53.1~60V
53.1~60V
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
FileName:MP-450,650,1K0-SPEC2010-10-18
REMOTEINHIBITCONTROL
REMOTEINHIBITCONTROL
REMOTEINHIBITCONTROL
RC+/RC-:0~0.8VorOPEN,POWERONRC+/RC-:4~12VPOWEROFF
RC+/RC-:0~0.8VorOPEN,POWERONRC+/RC-:4~12VPOWEROFF
RC+/RC-:0~0.8VorOPEN,POWERONRC+/RC-:4~12VPOWEROFF
FUNCTION
FUNCTION
FUNCTION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com