Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9505 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA9505
Description  40-bit I2C-bus I/O port with RESET, OE and INT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9505 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA9505 Datasheet HTML 17Page - NXP Semiconductors PCA9505 Datasheet HTML 18Page - NXP Semiconductors PCA9505 Datasheet HTML 19Page - NXP Semiconductors PCA9505 Datasheet HTML 20Page - NXP Semiconductors PCA9505 Datasheet HTML 21Page - NXP Semiconductors PCA9505 Datasheet HTML 22Page - NXP Semiconductors PCA9505 Datasheet HTML 23Page - NXP Semiconductors PCA9505 Datasheet HTML 24Page - NXP Semiconductors PCA9505 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
PCA9505_9506
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 3 August 2010
21 of 34
NXP Semiconductors
PCA9505/06
40-bit I2C-bus I/O port with RESET, OE and INT
IstbL
LOW-level standby current
PCA9505 only
VDD = 2.3 V
-
0.97
2
mA
VDD =3.3 V
-
1.3
3
mA
VDD =5.5 V
-
2.2
5
mA
VPOR
power-on reset voltage[1]
no load; VI =VDD or VSS
-1.70
2.0
V
Input SCL; input/output SDA
VIL
LOW-level input voltage
−0.5
-
+0.3VDD V
VIH
HIGH-level input voltage
0.7VDD
-5.5
V
IOL
LOW-level output current
VOL = 0.4 V
20
--mA
IL
leakage current
VI =VDD =VSS
−1-
+1
μA
Ci
input capacitance
VI =VSS
-
5
10
pF
I/Os
VIL
LOW-level input voltage
−0.5
-
+0.8
V
VIH
HIGH-level input voltage
2
-
5.5
V
IOL
LOW-level output current
VOL =0.5 V
VDD = 2.3 V
10
--mA
VDD = 3.0 V
12
--mA
VDD = 4.5 V
15
--mA
IOL(tot)
total LOW-level output current
VOL =0.5 V; VDD =4.5 V
-
-
0.6
A
VOH
HIGH-level output voltage
IOH = −10 mA
VDD = 2.3 V
1.6
-
-
V
VDD = 3.0 V
2.3
-
-
V
VDD = 4.5 V
4.0
-
-
V
ILIH
HIGH-level input leakage current
VDD = 3.6 V; VI =VDD
−1-
+1
μA
ILIL
LOW-level input leakage current
VDD = 5.5 V; VI =VSS
PCA9506 only
−1-
+1
μA
PCA9505 only
−100
-
+1
μA
Ci
input capacitance
-
6
7
pF
Co
output capacitance
-
6
7
pF
Interrupt INT
IOL
LOW-level output current
VOL = 0.4 V
6
--mA
IOH
HIGH-level output current
−1-
+1
μA
Co
output capacitance
-
3.0
5
pF
Inputs RESET and OE
VIL
LOW-level input voltage
−0.5
-
+0.8
V
VIH
HIGH-level input voltage
2
-
5.5
V
ILI
input leakage current
−1-
+1
μA
Ci
input capacitance
-
3.0
5
pF
Table 10.
Static characteristics …continued
VDD = 2.3 V to 5.5 V; VSS =0V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com