Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9601D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9601D
Description  Dual bidirectional bus buffer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9601D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9601D Datasheet HTML 9Page - NXP Semiconductors PCA9601D Datasheet HTML 10Page - NXP Semiconductors PCA9601D Datasheet HTML 11Page - NXP Semiconductors PCA9601D Datasheet HTML 12Page - NXP Semiconductors PCA9601D Datasheet HTML 13Page - NXP Semiconductors PCA9601D Datasheet HTML 14Page - NXP Semiconductors PCA9601D Datasheet HTML 15Page - NXP Semiconductors PCA9601D Datasheet HTML 16Page - NXP Semiconductors PCA9601D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
PCA9601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 6 May 2011
13 of 32
NXP Semiconductors
PCA9601
Dual bidirectional bus buffer
10. Application information
Refer to application notes AN10658 and AN255 for more detailed application information.
Fig 12. Interfacing a standard 3 mA I2C-bus or one with TTL levels (e.g. SMBus) to
higher voltage or higher current sink (e.g. Fast-mode Plus) devices
This simple example may be limited, if using lowest-cost couplers, to speeds as low as 5 kHz.
Refer to application notes for schematics suitable for operation to 400 kHz or higher.
Fig 13. Galvanic isolation of I2C-bus nodes via opto-couplers
Fig 14. Long distance I2C-bus communication
PCA9601
I2C-bus
SDA
002aae876
5 V
VCC (2.5 V to 15 V)
R1
RX
(SDA)
TX
(SDA)
'SDA' (new levels)
PCA9601
I2C-bus
SDA
002aae877
5 V
R1
VCC
R2
R3
RX
(SDA)
TX
(SDA)
R5
R4
VCC1
I2C-bus
SDA
PCA9601
SDA
SCL
002aae878
12 V
12 V
3.3 V to 5 V
3.3 V to 5 V
long cables
main enclosure
PCA9601
SDA
SCL
3.3 V to 5 V
3.3 V to 5 V
remote control enclosure
12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com