Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA85162 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA85162
Description  Universal LCD driver for low multiplex rates
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85162 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA85162 Datasheet HTML 1Page - NXP Semiconductors PCA85162 Datasheet HTML 2Page - NXP Semiconductors PCA85162 Datasheet HTML 3Page - NXP Semiconductors PCA85162 Datasheet HTML 4Page - NXP Semiconductors PCA85162 Datasheet HTML 5Page - NXP Semiconductors PCA85162 Datasheet HTML 6Page - NXP Semiconductors PCA85162 Datasheet HTML 7Page - NXP Semiconductors PCA85162 Datasheet HTML 8Page - NXP Semiconductors PCA85162 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
PCA85162
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 16 June 2011
2 of 46
NXP Semiconductors
PCA85162
Universal LCD driver for low multiplex rates
3.
Ordering information
4.
Marking
5.
Block diagram
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCA85162T/Q900/1 TSSOP48 plastic thin shrink small outline package; 48 leads;
body width 6.1 mm
SOT362-1
Table 2.
Marking codes
Type number
Marking code
PCA85162T/Q900/1
PCA85162T
Fig 1.
Block diagram of PCA85162
013aaa054
LCD
VOLTAGE
SELECTOR
CLOCK SELECT
AND TIMING
BLINKER
TIMEBASE
OSCILLATOR
INPUT
FILTERS
I2C-BUS
CONTROLLER
POWER-ON
RESET
CLK
SYNC
OSC
SCL
SDA
SA0
BACKPLANE
OUTPUTS
DISPLAY
CONTROLLER
BP0
VDD
BP2 BP1 BP3
DISPLAY SEGMENT OUTPUTS
DISPLAY REGISTER
OUTPUT BANK SELECT
AND BLINK CONTROL
32
S0 to S31
A0
A1
A2
PCA85162
LCD BIAS
GENERATOR
VSS
VLCD
COMMAND
DECODER
WRITE DATA
CONTROL
DISPLAY
RAM
40 × 4-BIT
DATA POINTER AND
AUTO INCREMENT
SUBADDRESS
COUNTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com