Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8593P Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF8593P
Description  Low power clock and calendar
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8593P Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF8593P Datasheet HTML 1Page - NXP Semiconductors PCF8593P Datasheet HTML 2Page - NXP Semiconductors PCF8593P Datasheet HTML 3Page - NXP Semiconductors PCF8593P Datasheet HTML 4Page - NXP Semiconductors PCF8593P Datasheet HTML 5Page - NXP Semiconductors PCF8593P Datasheet HTML 6Page - NXP Semiconductors PCF8593P Datasheet HTML 7Page - NXP Semiconductors PCF8593P Datasheet HTML 8Page - NXP Semiconductors PCF8593P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
PCF8593
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 6 October 2010
3 of 35
NXP Semiconductors
PCF8593
Low power clock and calendar
6.
Pinning information
6.1 Pinning
6.2 Pin description
Top view. For mechanical details, see Figure 24.
Fig 2.
Pin configuration for DIP8 (PCF8593P)
Top view. For mechanical details, see Figure 25.
Fig 3.
Pin configuration for SO8 (PCF8593T)
PCF8593P
OSCI
VDD
OSCO
INT
RESET
SCL
VSS
SDA
013aaa380
1
2
3
4
6
5
8
7
PCF8593T
013aaa381
1
2
3
4
6
5
8
7
OSCI
OSCO
RESET
VSS
VDD
INT
SCL
SDA
Table 3.
Pin description
Symbol
Pin
Type
Description
DIP8
(PCF8593P)
SO8
(PCF8593T)
OSCI
1
1
input
oscillator input, 50 Hz or event-pulse
input
OSCO
2
2
output
oscillator output
RESET
3
3
input
reset
VSS
4
4
supply
ground supply voltage
SDA
5
5
input/output
serial data line
SCL
6
6
input
serial clock line
INT
7
7
output
open-drain interrupt output (active LOW)
VDD
8
8
supply
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com