Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8564ACX9-1 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF8564ACX9-1
Description  Real time clock and calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564ACX9-1 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF8564ACX9-1 Datasheet HTML 20Page - NXP Semiconductors PCF8564ACX9-1 Datasheet HTML 21Page - NXP Semiconductors PCF8564ACX9-1 Datasheet HTML 22Page - NXP Semiconductors PCF8564ACX9-1 Datasheet HTML 23Page - NXP Semiconductors PCF8564ACX9-1 Datasheet HTML 24Page - NXP Semiconductors PCF8564ACX9-1 Datasheet HTML 25Page - NXP Semiconductors PCF8564ACX9-1 Datasheet HTML 26Page - NXP Semiconductors PCF8564ACX9-1 Datasheet HTML 27Page - NXP Semiconductors PCF8564ACX9-1 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
PCF8564A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 30 September 2010
24 of 45
NXP Semiconductors
PCF8564A
Real time clock and calendar
10.3 Interface watchdog timer
During read/write operations, the time counting circuits are frozen. To prevent a situation
where the accessing device becomes locked and does not clear the interface, the
PCF8564A has a built in watchdog timer. Should the interface be active for more than 1 s
from the time a valid slave address is transmitted, then the PCF8564A will automatically
clear the interface and allow the time counting circuits to continue counting.
The watchdog is implemented to prevent the excessive loss of time due to interface
access failure e.g. if main power is removed from a battery backed-up system during an
interface access.
Each time the watchdog period is exceeded, 1 s will be lost from the time counters. The
watchdog will trigger between 1 s and 2 s after receiving a valid slave address.
Fig 18. Master reads word after setting word address (write word address; READ data)
S
0A
SLAVE ADDRESS
WORD ADDRESS
A
A
SLAVE ADDRESS
acknowledgement
from slave
R/W
A
013aaa034
P
1
R/W
S1
acknowledgement
from slave
acknowledgement
from slave
acknowledgement
from master
no acknowledgement
from master
auto increment
memory word address
auto increment
memory word address
at this moment master transmitter
becomes master receiver and
PCF8564A slave receiver
becomes slave transmitter
last byte
DATA
DATA
n bytes
Fig 19. Master reads slave immediately after first byte (READ mode)
S
1A
SLAVE ADDRESS
DATA
A1
DATA
acknowledgement
from slave
acknowledgement
from master
no acknowledgement
from master
R/W
auto increment
word address
mgl665
auto increment
word address
n bytes
last byte
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com