Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OA180AP Datasheet(PDF) 1 Page - ORION FANS

Part # OA180AP
Description  AC Fan - 115V, 230V 180 x 89mm (7.1' x 3.5')
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OA180AP Datasheet(HTML) 1 Page - ORION FANS

  OA180AP Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
O
OAA118800AAPP SSeerriieess
Frame
DiecastAluminum
Operating Temperature
Ball Bearing
-20C ~ +80C
Life Expectancy
Ball Bearing
60,000 hours (L10 at 40C)
Impeller
PBT, UL94V-O plastic
Connection
2x Lead Wires 20AWG or
terminals
Motor
Capacitor drive, impedance
and thermally protected
Bearing System
Dual ball
Insulation Resistance >100M ohm between lead-
wire and frame (500VDC)
Dielectric Strength
1 min at 1500 VAC, 50/60Hz
RoHS Compliant
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OrionFans.com
Information and data is subject to
change without prior notification.
AC Fan - 115V, 230V
180 x 89mm (7.1” x 3.5”)
Part Number
OA180AP-11-1 *
OA180AP-22-1 *
Nominal AC Voltage
115
230
Voltage Range
60 ~ 130 VAC
120 ~ 260 VAC
Rated Power (50/60 Hz)
70 W
70 W
RPM (50/60 Hz)
3350
3350
Airflow - CFM (50/60 Hz)
375
375
Noise Level - dB (50/60 Hz)
62
62
Max. Static Pressure
0.86 ”H2O
0.86 ”H2O
* Indicate “TB” for terminal or “WB” for wire leads


Similar Part No. - OA180AP

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA180AP ORIONFANS-OA180AP Datasheet
5Mb / 8P
AC & EC FANS
OA180AP-11-1 ORIONFANS-OA180AP-11-1 Datasheet
750Kb / 1P
AC Fan - 115V, 230V 180 x 89mm (7.1??x 3.5??
OA180AP-22-1 ORIONFANS-OA180AP-22-1 Datasheet
750Kb / 1P
AC Fan - 115V, 230V 180 x 89mm (7.1??x 3.5??
OA180AP-22-1TB-IP55 ORIONFANS-OA180AP-22-1TB-IP55 Datasheet
186Kb / 1P
AC Fan
OA180AP-22-1TB-IP55 ORIONFANS-OA180AP-22-1TB-IP55 Datasheet
76Kb / 1P
AC Fan - 230V 180 x 90mm (7.1??x 3.5??
More results

Similar Description - OA180AP

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA180APL ORIONFANS-OA180APL Datasheet
1Mb / 1P
AC Fan - 115V, 230V 180 x 65mm (7.1' x 2.6')
OA119 ORIONFANS-OA119 Datasheet
96Kb / 1P
AC Fan - 115V, 230V 127 x 38mm (5.0??x 1.5??
OA180ANL-METAL ORIONFANS-OA180ANL-METAL Datasheet
515Kb / 1P
AC Fan - 115V, 230V 180 x 65mm (7.1??x 2.6??
OA180AP ORIONFANS-OA180AP_15 Datasheet
750Kb / 1P
AC Fan - 115V, 230V 180 x 89mm (7.1??x 3.5??
OA180AP_IP55 ORIONFANS-OA180AP_IP55 Datasheet
76Kb / 1P
AC Fan - 230V 180 x 90mm (7.1??x 3.5??
OA180APL ORIONFANS-OA180APL_16 Datasheet
547Kb / 1P
AC Fan - 115V, 230V 180 x 65mm (7.1??x 2.6??
OA180-METAL ORIONFANS-OA180-METAL Datasheet
535Kb / 1P
AC Fan - 115V, 230V 176 x 89mm (6.9??x 3.5??
OA254ANXC ORIONFANS-OA254ANXC Datasheet
399Kb / 1P
AC Fan - 115V, 230V High Performance 254 x 89mm (10.0??x 3.5??
OA2543AN-METAL ORIONFANS-OA2543AN-METAL Datasheet
260Kb / 1P
AC Fan - 115V, 230V 254 x 89mm (10.0??x 3.5??
OA2547AN-METAL ORIONFANS-OA2547AN-METAL Datasheet
319Kb / 1P
AC Fan - 115V, 230V 254 x 89mm (10.0??x 3.5??
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com