Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OA180APL Datasheet(PDF) 1 Page - ORION FANS

Part # OA180APL
Description  AC Fan - 115V, 230V 180 x 65mm (7.1' x 2.6')
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OA180APL Datasheet(HTML) 1 Page - ORION FANS

  OA180APL Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
O
OAA118800AAPPLL SSeerriieess
Frame
DiecastAluminum
Operating Temperature
Ball Bearing
-20C ~ +80C
Life Expectancy
Ball Bearing
90,000 hours (L10 at 35C)
Available as dual speed or
dual voltage
Impeller
PBT, UL94V-O plastic
Connection
2x Lead Wires 20AWG or
terminals
Motor
Single phase Capacitor
induction, 2/4 pole, inner
rotor, thermal protection
Bearing System
Dual ball
Insulation Resistance >100M ohm between lead-
wire and frame (500VDC)
Dielectric Strength
1 min at 1500 VAC, 50/60Hz
AC Fan - 115V, 230V
180 x 65mm (7.1” x 2.6”)
* Indicate “TB” for terminal or “WB” for wire leads
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
Model Number Speed (RPM) Airflow
(CFM) Noise (dB) Volts AC
Voltage
Range
Watts
Max. Static
Pressure
(“H2O)
OA180APL-11-1 *
3300
405
60
115
60~130
70
0.83
OA180APL-11-2 *
2200
280
47
115
60~130
50
0.58
OA180APL-11-3 *
1650
210
40
115
60~130
38
0.43
OA180APL-22-1 *
3300
405
60
230
120~260
70
0.83
OA180APL-22-2 *
2200
280
47
230
120~260
50
0.58
OA180APL-22-3 *
1650
210
40
230
120~260
38
0.43
012111


Similar Part No. - OA180APL

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA180APL ORIONFANS-OA180APL Datasheet
5Mb / 8P
AC & EC FANS
OA180APL-11-1 ORIONFANS-OA180APL-11-1 Datasheet
547Kb / 1P
AC Fan - 115V, 230V 180 x 65mm (7.1??x 2.6??
OA180APL-11-2 ORIONFANS-OA180APL-11-2 Datasheet
547Kb / 1P
AC Fan - 115V, 230V 180 x 65mm (7.1??x 2.6??
OA180APL-11-3 ORIONFANS-OA180APL-11-3 Datasheet
547Kb / 1P
AC Fan - 115V, 230V 180 x 65mm (7.1??x 2.6??
OA180APL-22-1 ORIONFANS-OA180APL-22-1 Datasheet
547Kb / 1P
AC Fan - 115V, 230V 180 x 65mm (7.1??x 2.6??
More results

Similar Description - OA180APL

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA180AP ORIONFANS-OA180AP Datasheet
1Mb / 1P
AC Fan - 115V, 230V 180 x 89mm (7.1' x 3.5')
OA119 ORIONFANS-OA119 Datasheet
96Kb / 1P
AC Fan - 115V, 230V 127 x 38mm (5.0??x 1.5??
OA80-METAL ORIONFANS-OA80-METAL Datasheet
261Kb / 1P
AC Fan - 115V, 230V 80 x 38mm (3.15??x 1.5??
OA125 ORIONFANS-OA125_16 Datasheet
3Mb / 1P
AC Fan - 115V, 230V 120 x 25mm (4.7??x 1.0??
OA162 ORIONFANS-OA162_16 Datasheet
383Kb / 1P
AC Fan - 115V, 230V 172 x 55mm (6.7??x 2.2??
OA180ANL-METAL ORIONFANS-OA180ANL-METAL Datasheet
515Kb / 1P
AC Fan - 115V, 230V 180 x 65mm (7.1??x 2.6??
OA180AP ORIONFANS-OA180AP_15 Datasheet
750Kb / 1P
AC Fan - 115V, 230V 180 x 89mm (7.1??x 3.5??
OA180AP_IP55 ORIONFANS-OA180AP_IP55 Datasheet
76Kb / 1P
AC Fan - 230V 180 x 90mm (7.1??x 3.5??
OA180APL ORIONFANS-OA180APL_16 Datasheet
547Kb / 1P
AC Fan - 115V, 230V 180 x 65mm (7.1??x 2.6??
OA205AN-METAL ORIONFANS-OA205AN-METAL Datasheet
236Kb / 1P
AC Fan - 115V, 230V 205 x 72mm (8.0??x 2.8??
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com